Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS50W-NNR-000-XXX Datasheet(PDF) 4 Page - Astec America, Inc

Part # HPS50W-NNR-000-XXX
Description  350-1400 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

HPS50W-NNR-000-XXX Datasheet(HTML) 4 Page - Astec America, Inc

  HPS50W-NNR-000-XXX Datasheet HTML 1Page - Astec America, Inc HPS50W-NNR-000-XXX Datasheet HTML 2Page - Astec America, Inc HPS50W-NNR-000-XXX Datasheet HTML 3Page - Astec America, Inc HPS50W-NNR-000-XXX Datasheet HTML 4Page - Astec America, Inc HPS50W-NNR-000-XXX Datasheet HTML 5Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EEU
URRO
OPPEE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
A
AM
MEERRIIC
CA
ASS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
155
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
330.2
343.2
468.8
442.0
482.6
22.0
+
RTN
+
RTN
AC C
Cord: (North America)
For all other countries, please contact factory.
1) Quail Electronics Series 5050 or equivalent
(15A/125V)
Supply End - NEMA 5-15P
Equipment End - IEC 60320-C19
2) Quail Electronics Series 5052 or equivalent
(20A/125V)
Supply ENd - NEMA 5-20P
Equipment End - IEC60320-C19
Blank PPanel:
Astec P/N 73-686-000
HPS35 Series
DRAWINGS
H
HPPRR11 -0000
System
Max. Size
Max. System
Module
Standard
Unit
Code
(H x W x L)
Power
Distribution
Size
Weight (lbs.)
HPR1
1.75" x 19.0" x 13.0"
1400 W
(4 ea) HPS35
1U
8.6
Racks
Watts
1400 (fully populated)
Input
Voltage
90-264
Module Used
HPS35
Rack ID
HPR1
Code
Volts
Output Amps
L
12.0
116.8
W
48.0
29.2
HPR1 -
Standard Options
00 = No options
01 = Local sense


Similar Part No. - HPS50W-NNR-000-XXX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPS VISHAY-HPS Datasheet
72Kb / 3P
   High Ohmic Value (up to 1.5 G ohm), High Power Resistors (up to 10 W at 25 °C) Thick Film
Revision: 01-Aug-13
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
   Panel-Mount Fuseholder with Bayonet-type Knob
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
   Encapsulated Transformers for Commercial Applications
August 2019
logo
Heyco.
HPS HEYCO-HPS Datasheet
115Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
ams AG
HPS-100 AMSCO-HPS-100 Datasheet
545Kb / 24P
   Automotive Hydrogen Sensor
More results

Similar Description - HPS50W-NNR-000-XXX

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
   350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
   350 Watts
logo
Artesyn Technologies
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
   350 Watts
logo
Astec America, Inc
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
   350 Watts
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
   350 Watts
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
360Kb / 5P
   3501200 Watts
logo
Artesyn Technologies
LPQ352-C ARTESYN-LPQ352-C Datasheet
1Mb / 4P
   Total Power: 350 Watts
AVE350B-48S28-6 ARTESYN-AVE350B-48S28-6 Datasheet
1Mb / 3P
   Total Power: 350 Watts
logo
Astec America, Inc
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
   350 Watts LPS350 Series
logo
Surge Components
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
   350 Watts peak pulse power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com