Electronic Components Datasheet Search |
|
IMP8-3B0-00-A-XXX Datasheet(PDF) 2 Page - Astec America, Inc |
|
IMP8-3B0-00-A-XXX Datasheet(HTML) 2 Page - Astec America, Inc |
2 / 8 page Rev. 1.30.06 iMP Series 2of 8 Output Adjustment range* ±10% minimum all outputs (manual) (full module adjustment range using II22C C) Margining ±4-6% nominal analog (single output module only) Overall reg 0.4% or 20 mV max. (36W modules 4% max.) Ripple RMS: 0.1% or 10 mV, whichever is greater Pk-Pk: 1.0% or 50 mV, whichever is greater Bandwidth limited to 20 MHz Dynamic response <2% or 100 mV, with 25% load step Recovery time To within 1% in <300 μsec. Overcurrent protection* Configurable through II22C C. Single output module and main out- put of the dual output module 105-120% of rated output cur- rent. Aux output of dual output module 105-140% of rated output current Triple output module internally protected Short circuit protection Protected for continuous short circuit Recovery is automatic upon removal of short Overvoltage protection* Configurable through I2C Single output module 2-5.5V 122-134% ; 6-60V 110-120% Dual output module 2-6V 122-134% ; 8-28V 110-120% Triple output module No overvoltage protection provided Reverse voltage protection 100% of rated output current Thermal protection* Configurable through II22C C All outputs disabled when internal temp exceeds safe operat- ing range. >5 ms warning (AC OK signal) before shutdown Remote sense Up to 0.5 V total drop (not available on triple output module) Singlewire parallel Configurable through firmware Current share to within 2% of total rated current D DC C O OK K* * +/-5% of nominal. Configurable through II22C C Minimum load Not required Housekeeping bias voltage 5 VDC @1.0Amp max. present whenever AC input is applied Module inhibit* Configured and controlled through II22C C Switching frequency 250 kHz accepts external sync signal Output/Output isolation >1 Megohm, 500V VME signal* DC OK signal programmable through II22C C to function as POR signal *Can be controlled via I2C Safety UL UL60950/UL2601 CSA CSA22.2 No. 234 Level 5 VDE EN60950/EN60601 BABT Compliance to EN 60950/EN60601 BS 7002 CB Certificate and report CE Mark to LVD Module Code 1 1 2 2 3 3 4 4 N No on ne e Module Type S Siin ng glle e S Siin ng glle e S Siin ng glle e D Du ua all T Trriip plle e Max output power 210W 360W 750W 144W 36W Max output current 35A 60A 150A 10A 2A Output voltages available* 2-60V 2-60V 2-60V 5, 12-15, 28-30V 2-6, 12-15, 28-30V 8-15V 8-28V 2-28V Standard voltage increments 25 25 25 19 18 Remote sense Yes Yes Yes Yes Yes No No No Remote margin Yes Yes Yes No No No No No V-Program - I2C Control Yes Yes Yes Yes Yes Yes Yes Yes Active Current Share Yes Yes Yes Yes No No No No Module Inhibit - I2C Control Yes Yes Yes Yes Yes Yes Yes Yes Module Inhibit - Analog Yes Yes Yes No No No No No Over voltage / Over current protection Yes Yes Yes Yes Yes Yes Yes Yes Minimum load required No No No No No No No No Slots occupied in any iMP case 1 2 3 1 1 Output Module Line-up *Programmable Operating temperature -40° to 70°C ambient. Derate each output 2.5% per degree from 50° to 70°C. ( -20°C start up) Storage temperature -40°C to +85°C Electromagnetic susceptibility Designed to meet EN61000- 4; -2, -3, -4, -5, -6, -8, -11 Level 3 Humidity Operating; non-condensing 10% to 95% RH Vibration IEC68-2-6 to the levels of IEC721-3-2 MTBF demonstrated >550,000 hours at full load, 220VAC and 25°C ambient conditions Environmental Specifications |
Similar Part No. - IMP8-3B0-00-A-XXX |
|
Similar Description - IMP8-3B0-00-A-XXX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |