Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP4-2A1-00-A-XXX Datasheet(PDF) 8 Page - Astec America, Inc

Part # IMP4-2A1-00-A-XXX
Description  Intelligent MP Series Up to 1500 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

IMP4-2A1-00-A-XXX Datasheet(HTML) 8 Page - Astec America, Inc

  IMP4-2A1-00-A-XXX Datasheet HTML 1Page - Astec America, Inc IMP4-2A1-00-A-XXX Datasheet HTML 2Page - Astec America, Inc IMP4-2A1-00-A-XXX Datasheet HTML 3Page - Astec America, Inc IMP4-2A1-00-A-XXX Datasheet HTML 4Page - Astec America, Inc IMP4-2A1-00-A-XXX Datasheet HTML 5Page - Astec America, Inc IMP4-2A1-00-A-XXX Datasheet HTML 6Page - Astec America, Inc IMP4-2A1-00-A-XXX Datasheet HTML 7Page - Astec America, Inc IMP4-2A1-00-A-XXX Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
01.06
Rev. 1.30.06
iMP Series
8of 8
IIn
np
pu
utt
8
85
5--2
26
64
4V
VA
AC
C
1
18
80
0--2
26
64
4V
VA
AC
C
iMP8
8 =2.5" x 7" x 10" 6 available slots
1000W max.
1200W max.
(63.5 x 177.8 x 254)
iMP1
1 =2.5" x 8" x 11" 7 available slots
1200W max.
1500W max.
(63.5 x 203.2 x 279.4)
S
L
O
T
7
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
S
L
O
T
2
S
L
O
T
1
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
5
4
32
1
iMP4
iMP8 and iMP1
IIn
np
pu
utt
9
90
0--2
26
64
4V
VA
AC
C
1
18
80
0--2
26
64
4V
VA
AC
C
iMP4
4 =2.5" x 5" x 10" 5 available slots
750W max.
1100W max.
(63.5 x 127 x 254)
iMP Case Specifications
iMP1 only
6
1
10
5
Pin Connectors
1
2
3
~
N
9
10
1
2
AC Input
Pin No. Function
1
AC Neutral
2
AC Line (Hot)
3
Chassis (Earth) Ground
PFC Input Connector (control and signals)
Pin No. Function
1
Input AC OK - "Emitter"
2
Input AC OK - "Collector"
3
Global DC OK - "Emitter"
4
Global DC OK - "Collector"
5
External Sync
6
Gobal Inhibit / Optional Enable Logic "0"
7
Gobal Inhibit / Optional Enable Logic "1"
8
Gobal Inhibit / Optional Enable Return
9
+5VSB Housekeeping
10
+5VSB Housekeeping Return
I2C Bus Output Connector
Pin No. Function
1
5VCC External Bus
2
Serial Data Signal
3
Secondary Return
4
Serial Clock Signal
5
Address Bit 2
6
Address Bit 1
7
Address Bit 0
8
No connection
Mates with
Molex 90142-0010
Amp 87977-3
Mates with
Landwin 2050S/000 Housing
2053T011P Pin
Figure 1. AC Input
Figure 2. Connector J1
Figure 3. Connector J2


Similar Part No. - IMP4-2A1-00-A-XXX

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IMP4-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
IMP4-3L0-2E2-1Q1-4LL001-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL001-A Datasheet
3Mb / 9P
   Up to 1500 Watts
IMP4-3L0-2E2-1Q1-4LL003-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL003-A Datasheet
3Mb / 9P
   Up to 1500 Watts
IMP4-3L0-2E2-1Q1-4LL004-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL004-A Datasheet
3Mb / 9P
   Up to 1500 Watts
IMP4-3L0-2E2-1Q1-4LL005-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL005-A Datasheet
3Mb / 9P
   Up to 1500 Watts
More results

Similar Description - IMP4-2A1-00-A-XXX

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
   Intelligent MP Series
logo
Vicor Corporation
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
   Intelligent MP
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
   Intelligent MP
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com