Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP4-3B0-02-A-XXX Datasheet(PDF) 5 Page - Astec America, Inc

Part # IMP4-3B0-02-A-XXX
Description  Intelligent MP Series Up to 1500 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

IMP4-3B0-02-A-XXX Datasheet(HTML) 5 Page - Astec America, Inc

  IMP4-3B0-02-A-XXX Datasheet HTML 1Page - Astec America, Inc IMP4-3B0-02-A-XXX Datasheet HTML 2Page - Astec America, Inc IMP4-3B0-02-A-XXX Datasheet HTML 3Page - Astec America, Inc IMP4-3B0-02-A-XXX Datasheet HTML 4Page - Astec America, Inc IMP4-3B0-02-A-XXX Datasheet HTML 5Page - Astec America, Inc IMP4-3B0-02-A-XXX Datasheet HTML 6Page - Astec America, Inc IMP4-3B0-02-A-XXX Datasheet HTML 7Page - Astec America, Inc IMP4-3B0-02-A-XXX Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 1.30.06
iMP Series
5of 8
Notes
1. Input: Barrier type. Three No. 6-32 B.H. screws (0.375” centers). Max torque: 6 in-lbs. (0.67 N-m).
2. Control connectors: (J1) 10 position housing, gold plated contacts. Mates with Molex 90142-0010 housing with 90119-2110 crimp contacts (Molex C -
Grid III Series) or AMP Model number 87977-3 with 87309-8 pins. Connector kit includes mating connector and 10 pins,
Astec part #70-841-004. J2 10 position housing (Landwin 2051P1000T). Mates with housing 205051000 (Landwin) with 2053T011P (Landwin) pins.
3. Chassis material: aluminum with chemical film coating (conductive).
4. All dimensions are in millimeters and inches, and are typical.
5. Customer mounting -3 sides M4, bottom also includes 8-32 mounting holes. Max. penetration is 0.150” (3.8mm). Max. torque: 5in-lbs.
6. Output module connections: All single O/P modules are M4 x 8mm screws. Max. torque: 10in-lbs.
Dual O/P module is M3 x 8mm screws. Max. torque: 5 in-lbs.
Triple O/P module is .045” square pins on .156” centers. Mates with Molex 09-50-8063 or equivalent.
i
MP Series
i
MP4 (750/1100 Watts Max)
5
5--IIn
ncch
h C
Ca
asse
e S
Siizze
e:: iMP4: 2.5” x 5” x 10” (63.5mm x 127mm x 254mm)
W
We
eiig
gh
htt:: iMP4 Case: 2.6 lbs. • 36 W Triple: 0.5 lb. 210 W Single: 0.6 lb.
• 360 W Single 1.0 lb. • 600 W Single: 2.0 lbs. 144 W Dual: 0.6 lb.
Horizontal both sides


Similar Part No. - IMP4-3B0-02-A-XXX

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IMP4-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
IMP4-3L0-2E2-1Q1-4LL001-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL001-A Datasheet
3Mb / 9P
   Up to 1500 Watts
IMP4-3L0-2E2-1Q1-4LL003-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL003-A Datasheet
3Mb / 9P
   Up to 1500 Watts
IMP4-3L0-2E2-1Q1-4LL004-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL004-A Datasheet
3Mb / 9P
   Up to 1500 Watts
IMP4-3L0-2E2-1Q1-4LL005-A EMERSON-NETWORKPOWER-IMP4-3L0-2E2-1Q1-4LL005-A Datasheet
3Mb / 9P
   Up to 1500 Watts
More results

Similar Description - IMP4-3B0-02-A-XXX

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
   Intelligent MP Series
logo
Vicor Corporation
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
   Intelligent MP
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
   Intelligent MP
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com