Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF-FSLF-190LB-K-0410A Datasheet(PDF) 2 Page - Hitachi Metals, Ltd

Part # LF-FSLF-190LB-K-0410A
Description  3216 Size Chip Multilayer Diplexer with Low Pass Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

LF-FSLF-190LB-K-0410A Datasheet(HTML) 2 Page - Hitachi Metals, Ltd

  LF-FSLF-190LB-K-0410A Datasheet HTML 1Page - Hitachi Metals, Ltd LF-FSLF-190LB-K-0410A Datasheet HTML 2Page - Hitachi Metals, Ltd LF-FSLF-190LB-K-0410A Datasheet HTML 3Page - Hitachi Metals, Ltd LF-FSLF-190LB-K-0410A Datasheet HTML 4Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Frequency Range
f1:824-894MHz
f2:1850-1990MHz
Insertion Loss in f1
AMPS <=>Common
0.4dB Max.(at +25deg)
0.5dB Max.(at -35to+85deg)
Insertion Loss in f2
PCS <=>Common
Return Loss
(all port)
0.7 dB Max.(at +25deg)
0.8dB Max.(at -35to+85deg)
12 dB Min.
Power Capacity
Temperature Range
Attenuation
AMPS <=>Common
Attenuation
PCS <=>Common
18 dB Min. (in f2)
10 dB Min.(in 1648-1698MHz)
5 dB Min.(in 2472-2547MHz)
20 dB Min. (in f1)
22 dB Min. (in 3700 - 3820MHz)
22 dB Min. (in 5550 - 5730MHz)
2W Max. (CW)
- 35 to +85deg
Shape & Size
unit(mm)
2 : Common port
4 : CELL port
6 : PCS port
1,3,5 : Ground
3
1
1.6
1.2
2
4
6
5
LF-FSLF-190LB-K-0410A
All the technical data and information contained
herein are subject to change without notice.


Similar Part No. - LF-FSLF-190LB-K-0410A

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
LF-FSLF-080HL-0403A HITACHI-METALS-LF-FSLF-080HL-0403A Datasheet
55Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
LF-FSLF-080HR-0410A HITACHI-METALS-LF-FSLF-080HR-0410A Datasheet
57Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
LF-FSLF-080ML-0407A HITACHI-METALS-LF-FSLF-080ML-0407A Datasheet
61Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
LF-FSLF-S080HL-0404A HITACHI-METALS-LF-FSLF-S080HL-0404A Datasheet
51Kb / 4P
   2012 Size Chip Multilayer Diplexer for CELL / PCS
LF-FSLF-S090JG-0406A HITACHI-METALS-LF-FSLF-S090JG-0406A Datasheet
56Kb / 4P
   2012 Size Chip Multilayer Diplexer for CELL / GPS
More results

Similar Description - LF-FSLF-190LB-K-0410A

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLF-080HL HITACHI-METALS-FSLF-080HL Datasheet
55Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-080HR HITACHI-METALS-FSLF-080HR Datasheet
57Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-080ML HITACHI-METALS-FSLF-080ML Datasheet
61Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLL-S240E HITACHI-METALS-FSLL-S240E Datasheet
54Kb / 4P
   2012 Size Chip Low Pass Filter
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
logo
Wurth Elektronik GmbH &...
748111009 WURTH-748111009 Datasheet
534Kb / 7P
   WE-LPF Multilayer Chip Low-Pass Filter
002.000
logo
TDK Electronics
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1_15 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA070960LT-4006B1 TDK-DEA070960LT-4006B1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA161990LT-1182 TDK-DEA161990LT-1182 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
DEA162025LT-5003C3 TDK-DEA162025LT-5003C3 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com