Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5290YRMZ50 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5290YRMZ50
Description  Compact 30V/짹15V 256-Position Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5290YRMZ50 Datasheet HTML 2Page - Analog Devices AD5290YRMZ50 Datasheet HTML 3Page - Analog Devices AD5290YRMZ50 Datasheet HTML 4Page - Analog Devices AD5290YRMZ50 Datasheet HTML 5Page - Analog Devices AD5290YRMZ50 Datasheet HTML 6Page - Analog Devices AD5290YRMZ50 Datasheet HTML 7Page - Analog Devices AD5290YRMZ50 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50 Datasheet HTML 9Page - Analog Devices AD5290YRMZ50 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 6 of 11
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
10
9
8
7
1
2
3
4
A
B
VSS
W
VDD
SDO
SDI
GND
6
5
CLK
CS
TOP VIEW
AD5290
Figure 2. AD5290 Pin Configuration
Table 7. AD5290 Pin Function Descriptions
Pin
Menmonic
Description
1
A
A Terminal. VSS
V
A
V
DD
2
B
B Terminal. VSS
V
B
V
DD
3
VSS
Negative Supply. Connect to zero volts for single supply applications.
4
GND
Digital Ground.
5
CS
Chip Select Input, Active Low. When CS returns high, data will be loaded into the Wiper
Register
6
CLK
Serial Clock Input. Positive edge triggered
7
SDI
Serial Data Input Pin. Shifts in one bit at a time on positive clock CLK edges. MSB loaded first.
8
SDO
Serial Data Output Pin. Internal N-Ch FET with open-drain output that requires external pull-
up resistor. It shifts out the previous 8 SDI bits that allows daisy-chain operation of multiple
packages
9
VDD
Positive Power Supply
10
W
W Terminal. VSS
V
W
V
DD


Similar Part No. - AD5290YRMZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290YRMZ50 AD-AD5290YRMZ50 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ50-R7 AD-AD5290YRMZ50-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
More results

Similar Description - AD5290YRMZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com