Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5290YRMZ50-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5290YRMZ50-RL7
Description  Compact 30V/짹15V 256-Position Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50-RL7 Datasheet(HTML) 4 Page - Analog Devices

  AD5290YRMZ50-RL7 Datasheet HTML 1Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 2Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 3Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 4Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 5Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 6Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 4 of 11
TIMING CHARACTERISTICS— 10 kΩ, 50 kΩ, 100 kΩ VERSIONS
(VDD/VSS = ±15V±10% or ±5V±10%, VA = +VDD, VB = 0V, -40°C < TA < +105°C unless otherwise noted.)
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
SPI INTERFACE TIMING CHARACTERISTICS6, 8,9 (Specifications Apply to All Parts)
Clock Frequency
fCLK
4
MHz
Input Clock Pulsewidth
tCH, tCL
Clock level high or low
120
ns
Data Setup Time
tDS
30
ns
Data Hold Time
tDH
20
ns
CLK to SDO Propagation Delay
tPD
RPU = 1KΩ, CL < 20pF
10
100
ns
CS Setup Time
tCSS
120
ns
CS High Pulsewidth
tCSW
150
ns
CLK Fall to CS Fall Hold Time
tCSH0
TBD
ns
CLK Fall to CS Rise Hold Time
tCSH1
120
ns
CS Rise to Clock Rise Setup
tCS1
120
ns
NOTES
1.
Typical specifications represent average readings at +25°C and VDD = 5 V.
2.
Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3.
VAB = VDD, Wiper (VW) = no connect.
4.
INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA=VDD and VB=0 V.
5.
Resistor terminals A, B, W have no limitations on polarity with respect to each other.
6.
Guaranteed by design and not subject to production test.
7.
PDISS is calculated from (IDD × VDD+ ISS × VSS) CMOS logic level inputs result in minimum power dissipation.
8.
All dynamic characteristics use VDD / VSS = ±5 V.
9.
See timing diagram for location of measured values. All input control voltages are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level
of 1.5 V.


Similar Part No. - AD5290YRMZ50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290YRMZ50-R7 AD-AD5290YRMZ50-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
More results

Similar Description - AD5290YRMZ50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com