Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM303SM Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM303SM
Description  Camcorder Time-Lapse Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM303SM Datasheet(HTML) 5 Page - ELM Electronics

  ELM303SM Datasheet HTML 1Page - ELM Electronics ELM303SM Datasheet HTML 2Page - ELM Electronics ELM303SM Datasheet HTML 3Page - ELM Electronics ELM303SM Datasheet HTML 4Page - ELM Electronics ELM303SM Datasheet HTML 5Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Example Applications
5 of 5
The circuits on this page show two different
configurations for the ELM303. In each case, one should
keep in mind that these are experimenter circuits that
require some extra care to protect against electrostatic
discharge, etc. The other concern is the possibility of
backfeeds
from
the
two
different
power
supplies
(camcorder and ELM303). To prevent damage to the
ELM303, always make sure that it is powered up before
connecting to the camcorder.
Figure 2 at the right shows the ELM303 in a typical
security configuration. The internal pullup resistor on pin
4 is used to advantage to keep I0 and I1 at high logic
levels while the alarm contact is open. With I2 at a low
level and D0 at a high, this configures the circuit for 10
second recordings every hour. Note that all three
resistors shown are for ESD protection, and aren’t
necessary for circuit operation.
When the alarm contact closes, the three ‘I’ inputs
are all at a low level, causing recording to start and
continue until the contact is released.
Figure 3 is a programmable system using ‘DIP’ type
switches to allow the settings to be changed as needed.
Power is from three AA size alkaline cells, which give
approximately 4.8V when fresh. Strictly speaking the
supply should be at 5V to be consistent with the Control
L (LANC) system, but in practice, this works quite well.
Three cell battery holders are available for this type of
application, but if one can’t be found, shorting out one
position in a four cell holder will accomplish the same
thing. Of course, a regulated 5V supply would be
preferrable if one were available.
Operation of either circuit is similar. The ELM303
circuitry is powered up before connecting it to the
ELM303
ELM303DSA
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Figure 2. Alarm Triggering
Figure 3. Time–Lapse Controller
Alarm
Contact
+5V
0.1µF
1
2
3
4
8
7
6
5
120
120
5
4
3
2
1
+5V
22K
Control L mini DIN
Cable Connector (male)
camcorder, and the camcorder is powered and placed in the
camera / standby state. The cable between the two is then
connected and approximately one minute later, the camera
will record one sequence, and will power down. After the
duration set by the Interval pins, recording will be initiated
again.
Some cameras do not have power control inputs, so will
require additional circuitry in order to take advantage of the
power control capabilities. A toggle type circuit (driven from
the power output pin) could be constructed for this purpose
by the more adventurous experimenter, but is beyond the
scope of this document to describe.
Experimentation will determine the best settings to use
for each of your applications. For plant growing experiments,
try using the 60min / 1sec setting. You will find that 1 second
is a little long for creating your own animations, but may be
just right for others…
VDD
Control L mini DIN
Cable Connector (male)
+
1
2
3
4
8
7
6
5
33K
VDD = 4.5V
33K
33K
33K
Duration
closed = 1 sec
open = 10 sec
Period
Set as per Table 1,
closed = L and open = H
0.1µF
120
120
5
4
3
2
1
VDD


Similar Part No. - ELM303SM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM3022 EVERLIGHT-ELM3022 Datasheet
448Kb / 11P
   4 PIN SOP RANDOM-PHASE TRIAC
ELM3022(TA)-V EVERLIGHT-ELM3022(TA)-V Datasheet
448Kb / 11P
   4 PIN SOP RANDOM-PHASE TRIAC
ELM3022(TB)-V EVERLIGHT-ELM3022(TB)-V Datasheet
448Kb / 11P
   4 PIN SOP RANDOM-PHASE TRIAC
ELM3023 EVERLIGHT-ELM3023 Datasheet
448Kb / 11P
   4 PIN SOP RANDOM-PHASE TRIAC
ELM3023(TA)-V EVERLIGHT-ELM3023(TA)-V Datasheet
448Kb / 11P
   4 PIN SOP RANDOM-PHASE TRIAC
More results

Similar Description - ELM303SM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
KV-9096A TOSHIBA-KV-9096A Datasheet
905Kb / 52P
   VIRTUAL REAL-TIME & TIME LAPSE VCR
logo
Panasonic Semiconductor
AG-TL500 PANASONIC-AG-TL500 Datasheet
102Kb / 1P
   VHS Time-Lapse Video Cassette Recorder
logo
Hamamatsu Corporation
C11440 HAMAMATSU-C11440 Datasheet
141Kb / 2P
   Live cells expressing GFP Time lapse fluorescence imaging
logo
STMicroelectronics
PM6686 STMICROELECTRONICS-PM6686 Datasheet
1Mb / 50P
   Constant ON-time control
July 2009 Rev 4
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
   Integrated on-time control circuit
logo
Unisonic Technologies
L8532G-S08-R UTC-L8532G-S08-R Datasheet
227Kb / 8P
   Constant On Time PWM Control
logo
Fairchild Semiconductor
FAN8434 FAIRCHILD-FAN8434 Datasheet
413Kb / 22P
   Camcorder 3 in 1 Motor Driver
logo
Jingjing Microelectroni...
EG4361 EGMICRO-EG4361 Datasheet
648Kb / 10P
   Charge-Charged Time Control Specific Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com