Electronic Components Datasheet Search |
|
ELM304DSB Datasheet(PDF) 3 Page - ELM Electronics |
|
ELM304DSB Datasheet(HTML) 3 Page - ELM Electronics |
3 / 4 page Elm Electronics – Circuits for the Hobbyist < http://www.elmelectronics.com/ > ELM304 Electrical Characteristics Absolute Maximum Ratings Storage Temperature....................... -65°C to +150°C Ambient Temperature with Power Applied....................................-40°C to +85°C Voltage on VDD with respect to VSS............ 0 to +7.5V Voltage on any other pin with respect to VSS........................... -0.6V to (VDD + 0.6V) Note: Stresses beyond those listed here will likely damage the device. These values are given as a design guideline only. The ability to operate to these levels is neither inferred nor recommended. 3 of 4 All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below. Characteristic Minimum Typical Maximum Conditions Units Supply Voltage, VDD 3.0 5.0 5.5 V VDD rate of rise 0.05 V/ms Average Supply Current, IDD 1.0 2.4 mA see note 3 Notes: 1. This integrated circuit is produced with a Microchip Technology Inc.’s PIC12C5XX as the core embedded microcontroller. For further device specifications, and possibly clarification of those given, please refer to the appropriate Microchip documentation. 2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as may be obtained through direct connection to solar cells, or some charge pump circuits. 3. Device only. Does not include any current supplied to external circuits. 4. The value of the internal pullup resistance is both supply and temperature dependent. 5. This assumes that the recommended 3.58MHz crystal is used. Input low voltage VSS 0.15 VDD V Input high voltage VDD V 0.85 VDD Output low voltage 0.6 V Output high voltage V VDD - 0.7 Current (sink) = 8.7mA Current (source) = 5.4mA see note 2 ELM304DSB Timing accuracy 0.25 % see note 5 see note 4 Internal pullup resistance (pin 4) 300 500 600 K Ω |
Similar Part No. - ELM304DSB |
|
Similar Description - ELM304DSB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |