Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM440 Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM440
Description  60Hz Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM440 Datasheet(HTML) 3 Page - ELM Electronics

  ELM440 Datasheet HTML 1Page - ELM Electronics ELM440 Datasheet HTML 2Page - ELM Electronics ELM440 Datasheet HTML 3Page - ELM Electronics ELM440 Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
ELM440
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.6V to (VDD + 0.6V)
Note:
Stresses beyond those listed here will likely damage
the device. These values are given as a design
guideline only. The ability to operate to these levels
is neither inferred nor recommended.
3 of 4
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply Voltage, VDD
3.0
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average Supply Current, IDD
0.60
2.4
mA
Notes:
1. This integrated circuit is produced with a Microchip Technology Inc.’s PIC12C5XX as the core embedded
microcontroller. For further device specifications, and possibly clarification of those given, please refer to the
appropriate Microchip documentation.
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells, or some charge pump circuits.
3. The value of the pullup resistance is supply and temperature dependent.
4. This specification represents current flowing through the protection diodes when applying large voltages to
the sync input (pin 5) through a current limiting resistance. Currents quoted are the maximum continuous.
Input low voltage
VSS
0.15 VDD
V
Input high voltage
VDD
V
0.85 VDD
Output low voltage
0.6
V
Output high voltage
V
VDD - 0.7
Current (sink) = 8.7mA
Current (source) = 5.4mA
see note 2
ELM440DSB
Output Duty Cycle
%
50
any output
0.35
2.4
mA
see note 3
Reset pin internal pullup resistance
VDD = 5V
VDD = 3V
K
470
300
600
Input current
+ 0.5
mA
- 0.5
sync input only, see note 4


Similar Part No. - ELM440

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM440A EVERLIGHT-ELM440A Datasheet
696Kb / 10P
   4PIN MINI FLAT PACKAGE SOLID STATE RELAY
More results

Similar Description - ELM440

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
MD-2000-U TRIAD-MD-2000-U Datasheet
54Kb / 1P
   120VAC짹10%, 50/60Hz
MD-2400-E TRIAD-MD-2400-E Datasheet
54Kb / 1P
   240VAC짹10%, 50/60Hz
MD-250-E TRIAD-MD-250-E Datasheet
55Kb / 1P
   240VAC짹10%, 50/60Hz
MD-250-U TRIAD-MD-250-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-500-U TRIAD-MD-500-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-500-E TRIAD-MD-500-E Datasheet
55Kb / 1P
   240VAC짹10%, 50/60Hz
WAU060-2000-G TRIAD-WAU060-2000-G Datasheet
145Kb / 1P
   Primary Rating:120V 60Hz
WAU060-2000-S TRIAD-WAU060-2000-S Datasheet
143Kb / 1P
   Primary Rating:120V 60Hz
WAU200-600T TRIAD-WAU200-600T Datasheet
140Kb / 1P
   Primary Rating:120V 60Hz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com