Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM622 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM622
Description  Infrared Remote Interpreter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM622 Datasheet(HTML) 2 Page - ELM Electronics

  ELM622 Datasheet HTML 1Page - ELM Electronics ELM622 Datasheet HTML 2Page - ELM Electronics ELM622 Datasheet HTML 3Page - ELM Electronics ELM622 Datasheet HTML 4Page - ELM Electronics ELM622 Datasheet HTML 5Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELM622
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Pin Descriptions
Ordering Information
These integrated circuits are available in either the 300 mil plastic DIP format, or in the 200 mil SOIC surface
mount type of package. To order, add the appropriate suffix to the part number:
300 mil Plastic DIP............................... ELM622P
200 mil SOIC..................................... ELM622SM
2 of 5
All rights reserved. Copyright ©1998 Elm Electronics.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
VDD (pin 1)
This pin is the positive supply pin, and should
always be the most positive point in the circuit.
Internal circuitry connected to this pin is used to
provide power on reset of the microprocessor, so
an external reset signal is not required. Refer to
the Electrical Characteristics section for further
information.
Tx (pin 2)
The transmit data output. When a valid byte is
received it is retransmitted from this pin at 9600
baud, least significant bit first, with one start bit,
no parity bit, and one stop bit. The pin is normally
held at a logic high level when in the idle state,
and goes to true logic levels when transmitting
data. The output is compatible with standard
RS232 data transmission, when coupled through
appropriate buffers (transistors or interface ICs
such as the MAX232).
RTS (pin 3)
RTS is the request to send handshaking output.
When a valid byte is ready to be sent, this pin will
be brought low and will remain at that level until
the stop bit has been sent, or the send is aborted
due to a time-out.
CTS (pin 4)
This input pin is used to control the transmission
of data. A logic low level allows sending, and a
high level forces the ELM622 to wait. The system
waits no longer than about 2 seconds, however,
before discarding the byte and reverting to the
idle condition. The state of the pin is tested just
prior to sending data, and is not monitored once
data transmission begins.
IRRx (pin 5)
The output of a standard 40KHz infrared receiver
module is connected to this pin, through a series
resistor of about 5K
Ω value. The output of such a
module is normally at a high level, and switches
to a logic low when modulated carrier is received.
LED (pin 6)
This pin provides a logic high level output when a
valid code has been received and remains at that
level until the data has been sent by the ELM622.
The output is suitable for driving an LED through
a current limiting resistor.
Reset (pin 7)
A high level 100msec wide pulse is output on this
pin when the sequence 99999 is received. This
can be used for special functions such as
resetting the system, or momentarily triggering a
control point.
VSS (pin 8)
Circuit common is connected to this pin. This is
the most negative point in the circuit.
ELM622DSA


Similar Part No. - ELM622

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
ELM Technology Corporat...
ELM620BA-S ELM-TECH-ELM620BA-S Datasheet
885Kb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
ELM Electronics
ELM621 ELM-ELM621 Datasheet
38Kb / 6P
   SERIAL THREE BIT PORT
More results

Similar Description - ELM622

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
Holtek Semiconductor In...
HT6240 HOLTEK-HT6240_02 Datasheet
167Kb / 16P
   Infrared Remote Encoder
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
76Kb / 11P
   INFRARED REMOTE CONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
   INFRARED REMOTE CONTROLLERS
logo
Everlight Electronics C...
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
   Infrared Remote Control
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
   Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
   Infrared Remote Control
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
   Infrared Remote-control
logo
Holtek Semiconductor In...
HT62104 HOLTEK-HT62104 Datasheet
2Mb / 14P
   Infrared Remote Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com