Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM630SM Datasheet(PDF) 10 Page - ELM Electronics

Part # ELM630SM
Description  LIN Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM630SM Datasheet(HTML) 10 Page - ELM Electronics

Back Button ELM630SM Datasheet HTML 4Page - ELM Electronics ELM630SM Datasheet HTML 5Page - ELM Electronics ELM630SM Datasheet HTML 6Page - ELM Electronics ELM630SM Datasheet HTML 7Page - ELM Electronics ELM630SM Datasheet HTML 8Page - ELM Electronics ELM630SM Datasheet HTML 9Page - ELM Electronics ELM630SM Datasheet HTML 10Page - ELM Electronics ELM630SM Datasheet HTML 11Page - ELM Electronics ELM630SM Datasheet HTML 12Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Example Applications
10 of 12
The circuit of Figure 2 (on the next page) shows
how the ELM630 might typically be used. While the
LIN standard does not specify the type of connector
that is to be used, it does specify that the physical
interface
will
essentially
be
an
enhanced
implementation of the ISO 9141 standard currently
used
in
automobiles.
It
provides
a
three
wire
connection, with power, data, and common.
The provision of a (nominal) 12V supply at the
connector provides a convenient means to power the
ELM630 circuit. This voltage is reduced to the required
5 volts by the 78L05 regulator shown, and filtered with
the capacitors. An LED provides visual feedback that
the supply is available.
The PNP transistor that is shown connected to the
LIN input (pin 13) serves mainly to level-shift the input
signal, and to invert it. A typical CMOS input will switch
state at about half the supply level (2.5V) which might
cause
problems
with
noise
in
an
automotive
environment. By providing a transistor buffer, the input
threshold is effectively raised to about 4V, increasing
noise immunity, while adding amplification, signal
clamping, and inversion. Note the use of the diode on
the
input,
which
prevents
possibly
damaging
backfeeds from entering the circuit, protecting the
transistor and the other components.
A very basic RS232 interface is shown connected
to pins 5 and 7 of the ELM630. This circuit ‘steals’
power from the host computer in order to provide a full
swing of the RS232 voltages without the need for a
negative supply. The RS232 pin connections shown
are for a 25 pin connector; if you are using a 9 pin, the
connections would be 2(RxD), 5(SG) and 3(TxD).
RS232
data
from
the
computer
is
directly
connected to pin 5 of the IC through only a 47K
current limiting resistor. This resistor allows for voltage
swings in excess of the supply levels while preventing
damage to the ELM630. A single 100K
Ω resistor is
also shown in this circuit so that pin 5 is not left floating
if the computer is disconnected. Note that pin 4 has
been tied to VSS in order to configure the receive
circuit for this type of connection.
Transmission of RS232 data is via the single PNP
transistor connected to pin 7. This transistor allows the
output voltage to swing between +5V and the negative
voltage stored on the 0.1µF capacitor (which is
charged by the computer’s TxD line). Although it is a
simple connection, it is quite effective for this type of
application.
Circuit timing is maintained by the crystal shown
ELM630
ELM630DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
connected between pins 2 and 3. It is a common TV
type that can be easily and inexpensively obtained.
The 27pF crystal loading capacitors shown are only
typical, so you may have to select other values
depending on what is specified for the crystal you use.
Pins 8 to 12 have been tied to VSS for this circuit,
setting power-up options as follows. Pins 8, 9, and 10
are all ‘0’ so the baud rate has been selected to be
‘auto’, allowing the IC to adapt to whatever baud rate
appears. Pin 11 is also low, meaning that the ‘Monitor
All’ mode will not be entered into on a power-up or
reset – the chip will simply issue a prompt character
and wait for instructions from the user. Finally, pin 12
is also tied to VSS, so the default measurement period
for determining the baud rate will be 0.5 seconds. This
is often an adequate setting, even for the slowest
(1200 bps) systems.
Another application for the ELM630 is in the hand-
held “data snoop”, or “LIN Logic Probe” that is shown
in Figure 3. This circuit is very similar to that of Figure
2, except that in this case pin 11 has been tied to VDD,
causing the IC to immediately enter a “Monitor All”
mode on power-up. Setting pins 8, 9 and 10 to low
selects auto-baud operation, allowing this circuit to be
used on virtually all LIN systems. Note that since there
is no need to send commands to the ELM630 in this
case, the RS232 interface has been simplified even
further, eliminating the receive components. Power is
from three button cells, which provide 4.5V to the
circuit through a momentary action pushbutton switch.
The 4.5V is at the lower level of recommended
voltages, but is still within specified limits.
Hopefully this has provided enough information to
get you started with this convenient device. By
monitoring traffic on your automobile’s seat control
circuit, or your clothes dryer’s information bus, one can
learn a great deal. Certainly, you will be able to identify
what is normal, then of course you will know when it is
not…


Similar Part No. - ELM630SM

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
More results

Similar Description - ELM630SM

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81120 MELEXIS-MLX81120 Datasheet
328Kb / 2P
   LIN-TO-LIN GATEWAY
logo
ATMEL Corporation
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
logo
Melexis Microelectronic...
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
   Mini LIN/LIN RGB Slave Controller
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com