Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM633P Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM633P
Description  19200bps miniLIN Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM633P Datasheet(HTML) 3 Page - ELM Electronics

  ELM633P Datasheet HTML 1Page - ELM Electronics ELM633P Datasheet HTML 2Page - ELM Electronics ELM633P Datasheet HTML 3Page - ELM Electronics ELM633P Datasheet HTML 4Page - ELM Electronics ELM633P Datasheet HTML 5Page - ELM Electronics ELM633P Datasheet HTML 6Page - ELM Electronics ELM633P Datasheet HTML 7Page - ELM Electronics ELM633P Datasheet HTML 8Page - ELM Electronics ELM633P Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
ELM633
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +7.0V
Voltage on any other pin with
respect to VSS........................... -0.6V to (VDD + 0.6V)
Note:
Stresses beyond those listed here will likely damage
the device. These values are given as a design
guideline only, and the ability to operate to these
levels is neither inferred nor recommended.
3 of 11
Notes: 1. This integrated circuit is produced with a Microchip Technology Inc.’s PIC12C5XX as the core embedded
microcontroller. For further device specifications, and possibly clarification of those given, please refer to the
appropriate Microchip documentation (available at http://www.microchip.com/).
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells, or some charge pump circuits.
3. This specification represents the current flowing through the internal protection diodes when the voltage
connected to the RS232Rx input (through a current limiting resistance) is greater than VDD or less than VSS.
Currents quoted are the maximum that should be allowed to flow continuously.
4. Nominal data transfer rate when the recommended 3.58MHz crystal is used as the frequency reference.
Data is transferred to and from the ELM633 with 8 data bits, no parity, and 1 stop bit (8 N 1).
ELM633DSB
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply voltage, VDD
4.5
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average supply current, IDD
0.8
1.4
mA
Input low voltage
VSS
0.15 x VDD
V
Input high voltage
VDD
V
0.85 x VDD
Output low voltage
0.6
V
Output high voltage
V
VDD - 0.7
Current (sink) = 8.7mA
Current (source) = 5.4mA
see note 2
RS232Rx pin input current
mA
see note 3
-0.5
RS232 baud rate
baud
see note 4
57600
+0.5


Similar Part No. - ELM633P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM630 ELM-ELM630 Datasheet
80Kb / 12P
   LIN Monitor
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
ELM Electronics
ELM630P ELM-ELM630P Datasheet
80Kb / 12P
   LIN Monitor
ELM630SM ELM-ELM630SM Datasheet
80Kb / 12P
   LIN Monitor
ELM634 ELM-ELM634 Datasheet
81Kb / 11P
   9600bps miniLIN Monitor
More results

Similar Description - ELM633P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM634 ELM-ELM634 Datasheet
81Kb / 11P
   9600bps miniLIN Monitor
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
   MONITOR AMPLIFIER
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
logo
STMicroelectronics
TEA7530 STMICROELECTRONICS-TEA7530 Datasheet
118Kb / 11P
   MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
   Power Monitor
Rev. 10/17/17
logo
Samsung semiconductor
770TFT SAMSUNG-770TFT Datasheet
1Mb / 43P
   Color Monitor
September 1999
logo
Assmann Electronics Inc...
AK514-18-R ASSMANN-AK514-18-R Datasheet
242Kb / 1P
   MONITOR CABLE
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
   Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com