Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM633SM Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM633SM
Description  19200bps miniLIN Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM633SM Datasheet(HTML) 4 Page - ELM Electronics

  ELM633SM Datasheet HTML 1Page - ELM Electronics ELM633SM Datasheet HTML 2Page - ELM Electronics ELM633SM Datasheet HTML 3Page - ELM Electronics ELM633SM Datasheet HTML 4Page - ELM Electronics ELM633SM Datasheet HTML 5Page - ELM Electronics ELM633SM Datasheet HTML 6Page - ELM Electronics ELM633SM Datasheet HTML 7Page - ELM Electronics ELM633SM Datasheet HTML 8Page - ELM Electronics ELM633SM Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AT Commands
The ELM633 is controlled with short commands
that all begin with the two characters ‘AT’ (which is
short for ATtention). These two characters serve no
purpose other than to help add validity to the
characters that follow. Modem manufacturers have
used this same technique for years, and it has become
customary to refer to commands that begin with these
characters as ‘AT Commands’.
The
ELM633
accepts
several
different
AT
commands, but only one at a time (it cannot process
multiple commands on one line, as most modems
can). Each is executed only upon receipt of the
terminating
carriage
return
character.
Several
commands do not have a visible response (AT D for
example), so completion of those commands will be
4 of 11
ELM633
ELM633DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Communicating with the ELM633
The ELM633 relies on a standard RS232 serial
connection to communicate with the user. The data
rate is not adjustable and is set at 57600 baud, with 8
data bits, no parity bit, 1 stop bit, and no handshaking
(often referred to as 57600 8N1). All responses from
the IC are terminated with a single carriage return
character and, optionally, a linefeed character. Make
sure your software is configured properly for this
connection (and the linefeed mode that you have
chosen). No special software is required to ‘talk’ to the
IC – a standard terminal program is all that is needed.
Once
it
has
been
properly
connected
and
powered, the ELM633 will send the message:
ELM633 v2.0
>
In addition to identifying the version of this IC,
receiving this string is a good way to confirm that the
computer connections and terminal software settings
are correct. The ‘>’ character displayed above is the
ELM633’s prompt character, which shows that the
device is in its idle state, ready to receive characters
on the RS232 port.
All messages that are sent to the ELM633 must
begin with the character ‘A’ followed by the character
‘T’, and must be terminated with a carriage return
character. No action is taken – commands are not
checked for errors, nor are they acted upon – until this
terminating carriage return is received. The one
exception is when a command is interrupted for some
reason, and no carriage return appears. In this case,
an internal timer will automatically abort the incomplete
message after about 15 seconds, and the ELM633 will
print a single question mark to show that the input was
not understood (and was not acted upon).
Messages that are not understood by the ELM633
(syntax errors) will always be signalled by this same
single question mark (‘?’). When this occurs, it is
usually due to a spelling mistake, so you often only
need to repeat the input, typing more carefully.
Occasionally, errors occur if the ELM633 is busy
processing LIN messages when an RS232 command
message begins. In these cases, the first character of
the RS232 command message will always be missed
by the IC, so the remaining characters will appear to
be
incorrect.
You
should
always
interrupt
the
monitoring process with a single character (it doesn’t
matter which one, as it will be ignored), then wait for
the prompt character (“>”) to appear before sending
any more. This ensures that the ELM633 is ready to
receive commands.
For convenience, the ELM633 has been designed
to ignore spaces and control characters in the input, so
if you prefer to add spaces, tabs, etc., to improve
readability, then go ahead. Also, the ELM633 is not
case-sensitive, so ‘ATZ’ is equivalent to ‘atz’ and to
‘AtZ’, which may be helpful for some people.
acknowledged by the printing of the characters ‘OK’.
Monitoring of the LIN bus can generally begin
without requiring the use of any AT commands, as the
factory default settings should be appropriate for most
situations. Occasionally, however, the user may wish
to customize settings, such as turning the character
echo off, and in these cases, AT commands must be
used.
To perform the desired AT command, simply send
the
characters
AT
followed
by
the
appropriate
characters from the following list. For example, to turn
character echoing off, simply send AT E0 followed by
a return character. To turn it back on, send AT E1.
The following is a summary of the commands that
are recognized by the current version of the ELM633.


Similar Part No. - ELM633SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM630 ELM-ELM630 Datasheet
80Kb / 12P
   LIN Monitor
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
ELM Electronics
ELM630P ELM-ELM630P Datasheet
80Kb / 12P
   LIN Monitor
ELM630SM ELM-ELM630SM Datasheet
80Kb / 12P
   LIN Monitor
ELM634 ELM-ELM634 Datasheet
81Kb / 11P
   9600bps miniLIN Monitor
More results

Similar Description - ELM633SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM634 ELM-ELM634 Datasheet
81Kb / 11P
   9600bps miniLIN Monitor
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
   MONITOR AMPLIFIER
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
logo
STMicroelectronics
TEA7530 STMICROELECTRONICS-TEA7530 Datasheet
118Kb / 11P
   MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
   Power Monitor
Rev. 10/17/17
logo
Samsung semiconductor
770TFT SAMSUNG-770TFT Datasheet
1Mb / 43P
   Color Monitor
September 1999
logo
Assmann Electronics Inc...
AK514-18-R ASSMANN-AK514-18-R Datasheet
242Kb / 1P
   MONITOR CABLE
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
   Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com