Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPA3V0-16H Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GPA3V0-16H
Description  ARIES Series 5V Input, 3.3VDC, 24A Output, 3.2-5V Input, 2.5VDC, 24V Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPA3V0-16H Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GPA3V0-16H Datasheet HTML 1Page - Galaxy Power, Inc. GPA3V0-16H Datasheet HTML 2Page - Galaxy Power, Inc. GPA3V0-16H Datasheet HTML 3Page - Galaxy Power, Inc. GPA3V0-16H Datasheet HTML 4Page - Galaxy Power, Inc. GPA3V0-16H Datasheet HTML 5Page - Galaxy Power, Inc. GPA3V0-16H Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aries Series, Page 5
Part No. 99–001 Rev. 2.2
WWW.GALAXYPWR.COM
2N7000
or
Equivalent
ON
>5V
OFF ≤0.6V
ON/OFF
To (–)
To VENABLE Pin
Enable
5V
0.8V
Regulation Band
Time
VOUT
90%
10%
TON
Time
TURN ON TIME FROM
VENABLE GOING LOW
Application Notes
Control Signal Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Enable_L
VI = 5V, IO = 24A
Enable_L Source Current
1.0
mA
Enable_L Voltage Low
0.8
V
Enable_L Voltage High
2.6
V
Enable_L Low (Turn On Delay)
10
ms
Enable_L Low (Output Voltage)
2.458
2.495
2.532
V
Bias Current (12 Volt)
I bias
VI = 5V, IO = 24A
70
100
mA
DC_OK_H High
VI = 3.43V, IO = 24A, VO = ≥2.1V
3.3
V
DC_OK_H Low
VI = 3.43V, IO = 24A, VO = ≤1.8V
0.8
V
Fault_H High (OVP latched)
VI = 3.43V, IO = 24A
3.3
5
V
Fault_H Low
0.8
V
Fault_H Source Current
(OVP latched)
10
mA
Note: Fault–H occurs when the output voltage level is over the OVP threshold, pass transistor in the converter is shorted when
input voltage is applied, or when a difference between input to output voltage exceeds 2.4 volts with the input voltage only at 3.3V
nominal and not at 5V nominal.
Enable L: This input signal is used to enable the output
of the converter when activated (active Low). The
signal is referenced to output side (-Sense) or GND.
Enable Circuit Turn-On Time
Turn-On Time
Output Load Conditions


Similar Part No. - GPA3V0-16H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPA-017S ETC2-GPA-017S Datasheet
34Kb / 4P
   GPS ANTENNA WITH LOW NOISE AMPLIFIER
logo
Conquer Electronics Co....
GPA-A001 CONQUER-GPA-A001 Datasheet
216Kb / 1P
   5.2Ø x 20 mm
GPA-A002 CONQUER-GPA-A002 Datasheet
216Kb / 1P
   5.2Ø x 20 mm
GPA-A003 CONQUER-GPA-A003 Datasheet
216Kb / 1P
   5.2Ø x 20 mm
GPA-A004 CONQUER-GPA-A004 Datasheet
216Kb / 1P
   5.2Ø x 20 mm
More results

Similar Description - GPA3V0-16H

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5041A5 ROHM-BP5041A5 Datasheet
36Kb / 3P
   AC220V input, 5V/100mA output
logo
Galaxy Power, Inc.
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
logo
Rohm
BP5063-5 ROHM-BP5063-5 Datasheet
37Kb / 3P
   AC100V input, 5V/200mA output
logo
Galaxy Power, Inc.
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
logo
SHANGHAI BELLING CO., L...
BL8051 BELLING-BL8051 Datasheet
555Kb / 7P
   60V Input / 5V Output Linear Regulator
logo
Galaxy Power, Inc.
GAMW3V330 GALAXY-GAMW3V330 Datasheet
982Kb / 7P
   48V Input, 3.3VDC, 30A Output
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
   7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
logo
Galaxy Power, Inc.
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com