Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPA3V0-24V Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # GPA3V0-24V
Description  ARIES Series 5V Input, 3.3VDC, 24A Output, 3.2-5V Input, 2.5VDC, 24V Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPA3V0-24V Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  GPA3V0-24V Datasheet HTML 1Page - Galaxy Power, Inc. GPA3V0-24V Datasheet HTML 2Page - Galaxy Power, Inc. GPA3V0-24V Datasheet HTML 3Page - Galaxy Power, Inc. GPA3V0-24V Datasheet HTML 4Page - Galaxy Power, Inc. GPA3V0-24V Datasheet HTML 5Page - Galaxy Power, Inc. GPA3V0-24V Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aries Series, Page 2
Part No. 99–001 Rev. 2.2
WWW.GALAXYPWR.COM
General Specifications
Operating Air Temperature from 0
°C to +45°C with 500 LFM.
3.3V Output Unit
Input Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Operating Input Range
VI
IO = 24A
4.5
5.5
V
No Load Input Power
PIL
VI = VInom
——
2
W
Input Current
II
VI = 5V, IO = 24A, VO = 3.3V
20
A
Efficiency
N
VI = 5V, IO = 24A, VO = 3.3V
88
%
Reflected Input Ripple (Note 1)
dII
VI = 5V, IO = 24A
5.2
AP–P
Switching Frequency
FS
250
kHz
Output Characteristics (Over the complete baseplate temperature and input voltage ranges.)
Output Voltage Set Point
VO
VI = 5V, IO = 12 A
3.267
3.300
3.333
V
Rated Output Current
IO
VO = VOnom (externally)
24
A
Load & Line Regulation
VI = 4.5–5.5V, IO = 0-24A
15
mV
Noise and Ripple
VI=5.0V, IO = 24A
60
90
mVP–P
Load Range
0
24
A
Total Regulation
VI = 4.5–5.5V, IO = 0-24A
3.135
3.300
3.465
V
(Load, Line, Temp, Drift)
Remote Sense Compensation
VI = 4.5–5.5V, IO = 24A
100
mV
(Round Trip)
Output Overvoltage Protection (Nom)
VI = 5V, IO = 12A, VO = 3.3V
3.8
4.2
V
See Note 3, Latching
Output Voltage Protection
tOVP
VI = 5V, IO = 12A, VO = 3.3V
150
µs
Response Time
Current Limit (Nom)
IL
VI = 5V, VO = 3.3V
25
30
A
Short Circuit Output
VSC
VI = 5V, IO = 42A
0.6
VO
Voltage Compliance
Load Transient Response,
VOPK IO = 9-14A@0.05A/µs(di/dt),
80
mV
VO Deviation from Steady State
pos or neg step
Settling Time
VO = 3.3V
1200
µs
Turn on Time
tON
VI = 4.5–5.5V, IO = 0-24A
10
ms
per figures 3, 4, & 5
External Load Capacitance (Note 2)
1000
9900
µf
Notes: 1. Input filter capacitor Cin= 1000
µF (330µF, ESR 60mΩ, 3 capacitors in parallel) Provide 3" loop between positive
terminal of Cin and Vin of the converter to measure reflected input ripple current.
2. The converter output voltage shall be stable when (30) 330
µF (9900µF total) tantalum (ESR ≤60mΩ) capacitors are
connected across the output of the converter.
3. Adjustment pins J2-18 & 19 are normally left open; see Output Voltage Setting Table on page 5 if using OVP and
output voltage trim adjustment.
General Specifications
Operating Temperature
0
°C to +45°C Ambient Air Temp.
Storage Temperature
–40
°C to +100°C
Relative Humidity
10% to 95% RH, Non-condensing
Vibration
10–500Hz, 0.75g peak
Material Flammability
UL94V-0
Weight
100 grams typ. with heatsink
MTBF
MIL-HDBK-217E
1,200,000 hours*
*Note: 50% load; 45
°C ambient, 500LFM; calculated MTBF


Similar Part No. - GPA3V0-24V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPA-017S ETC2-GPA-017S Datasheet
34Kb / 4P
   GPS ANTENNA WITH LOW NOISE AMPLIFIER
logo
Conquer Electronics Co....
GPA-A001 CONQUER-GPA-A001 Datasheet
216Kb / 1P
   5.2Ø x 20 mm
GPA-A002 CONQUER-GPA-A002 Datasheet
216Kb / 1P
   5.2Ø x 20 mm
GPA-A003 CONQUER-GPA-A003 Datasheet
216Kb / 1P
   5.2Ø x 20 mm
GPA-A004 CONQUER-GPA-A004 Datasheet
216Kb / 1P
   5.2Ø x 20 mm
More results

Similar Description - GPA3V0-24V

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5041A5 ROHM-BP5041A5 Datasheet
36Kb / 3P
   AC220V input, 5V/100mA output
logo
Galaxy Power, Inc.
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
logo
Rohm
BP5063-5 ROHM-BP5063-5 Datasheet
37Kb / 3P
   AC100V input, 5V/200mA output
logo
Galaxy Power, Inc.
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
logo
SHANGHAI BELLING CO., L...
BL8051 BELLING-BL8051 Datasheet
555Kb / 7P
   60V Input / 5V Output Linear Regulator
logo
Galaxy Power, Inc.
GAMW3V330 GALAXY-GAMW3V330 Datasheet
982Kb / 7P
   48V Input, 3.3VDC, 30A Output
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
   7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
logo
Galaxy Power, Inc.
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
logo
Texas Instruments
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
[Old version datasheet]   Single Device: 5V Input Complimentary Dual Output:
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com