Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLDW34V03PER-003-123 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GLDW34V03PER-003-123
Description  High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GLDW34V03PER-003-123 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GLDW34V03PER-003-123 Datasheet HTML 1Page - Galaxy Power, Inc. GLDW34V03PER-003-123 Datasheet HTML 2Page - Galaxy Power, Inc. GLDW34V03PER-003-123 Datasheet HTML 3Page - Galaxy Power, Inc. GLDW34V03PER-003-123 Datasheet HTML 4Page - Galaxy Power, Inc. GLDW34V03PER-003-123 Datasheet HTML 5Page - Galaxy Power, Inc. GLDW34V03PER-003-123 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dorado HV, Page 5
Part No. 01-001 Rev. 4.0–051404
WWW.GALAXYPWR.COM
Dorado HV Operation
Efficiency
92
90
88
86
84
82
80
78
76
74
0
1.0
2.0
3.0
2.5
Output Current (A)
36V Vin
48V Vin
75V Vin
1.5
0.5
Current Limit Vs. Line/Trim Voltage
5.4
5.2
5.0
4.8
4.6
4.4
4.2
4.0
3.8
18
24
20
22
26
30
32
28
34
Trimmed Output Voltage (V)
75V
60V
48V
36V
Power Dissipation Vs Line/Load
18
16
14
12
10
8
6
4
2
0
0
1.0
2.0
25
3.0
.
Output Current (A)
36V Vin
48V Vin
75V Vin
0.5
1.5
2
1
Ch1 10.0V
Ch2
5.00 V
M 40.0ms A
Ch1
2.70V
T
T
[
]
Voltage Ripple
VOUT
Setpoint Vs Line/Load
35.5
35.0
34.5
34.0
33.5
33.0
32.5
0
1.0
2.0
25
3.0
.
Output Current (A)
36V Vin
48V Vin
75V Vin
0.5
1.5
Note: 68
µF electrolytic capacitor across output pins for all graphs.
Startup
START
STOP
A/DIV
B/DIV
10.00 dB
36.00 deg
100.000
100 000.000
Hz
Hz
A T/R (dB)
A MAX
B MAX
B:
50.00
180.0
dB
deg
MKR
GAIN
PHASE
10.964.782
4.31822
107.062
Hz
mdB
deg
Bode Plot


Similar Part No. - GLDW34V03PER-003-123

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GLDW34V03PER001123 BEL-GLDW34V03PER001123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PER002123 BEL-GLDW34V03PER002123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PER003123 BEL-GLDW34V03PER003123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PER004123 BEL-GLDW34V03PER004123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
More results

Similar Description - GLDW34V03PER-003-123

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PACSR48010 DELTA-PACSR48010 Datasheet
752Kb / 7P
   48V Output AC/DC Converter
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
Maxim Integrated Produc...
MAX17524 MAXIM-MAX17524 Datasheet
798Kb / 24P
   4.5V to 60V, 3A, Dual-Output, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 12/17
logo
Power-One
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
   4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com