Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBW52V04SSRG003 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GPBW52V04SSRG003
Description  BOLERO HV Series 48V Input, 52VDC, 4A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPBW52V04SSRG003 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GPBW52V04SSRG003 Datasheet HTML 1Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 2Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 3Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 4Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 5Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 6Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bolero HV Series, Page 3
Part No. 02–004 Rev. 1.9.5–102502
PRODUCT PREVIEw
CoolConverterFamily
Galaxy’s COOLCONVERTERSfeature:
• Single-stage power conversion architecture, control, and
magnetic design allow unprecedented power density and
efficiency in an isolated power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
Application Notes
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will
not allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent
the converter from turning on and off repeatedly
when the voltage is held near either voltage
extreme. At low line this assures the maximum
input current is not exceeded; at high line this
assures the semiconductor devices in the converter
are not damaged by excessive voltage stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic, the ON/OFF pin is brought below
1.0V with respect to the –INPUT pin to enable the
converter. For Positive logic, the ON/OFF pin is
brought to greater than 4.0V with respect to the
Enable. To request the Positive logic version, add
the suffix (P) to the standard part number. The
Input pin has a built-in pull-up resistor of
approximately 100k
Ω to +5.0V.


Similar Part No. - GPBW52V04SSRG003

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04SRG001 BEL-GPBW52V04SRG001 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04SRG002 BEL-GPBW52V04SRG002 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04SRG003 BEL-GPBW52V04SRG003 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04SRG004 BEL-GPBW52V04SRG004 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
More results

Similar Description - GPBW52V04SSRG003

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHBW53V08 GALAXY-GHBW53V08 Datasheet
796Kb / 7P
   BOLERO HP 48V Input, 53VDC, 8A Output
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08 BEL-GPBW24V08 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com