Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCK4993 Datasheet(PDF) 4 Page - Agere Systems

Part # LCK4993
Description  Low-Voltage PLL Clock Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LCK4993 Datasheet(HTML) 4 Page - Agere Systems

  LCK4993 Datasheet HTML 1Page - Agere Systems LCK4993 Datasheet HTML 2Page - Agere Systems LCK4993 Datasheet HTML 3Page - Agere Systems LCK4993 Datasheet HTML 4Page - Agere Systems LCK4993 Datasheet HTML 5Page - Agere Systems LCK4993 Datasheet HTML 6Page - Agere Systems LCK4993 Datasheet HTML 7Page - Agere Systems LCK4993 Datasheet HTML 8Page - Agere Systems LCK4993 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LCK4993/LCK4994
Data Sheet, Revision 1
Low-Voltage PLL Clock Drivers
May 5, 2004
4
4
Agere Systems Inc.
4 Pin Information
4.1 100-Pin TQFP Diagram
5-8885 (F) r.1
Figure 4-1. 100-Pin TQFP Package (Top View)
Table 4-1. 100-Pin FSBGA Pin Assignments
123
4567
8
9
10
A
1QB1
1QB0
1QA1
1QA0
QFA0
QFA1
FBKB+
VDDQ
FBKA–
FBKA+
B
VDDN
VDDN
VDDN
VDDN
VDDN
VDDN
VDDQ
FBKB–
FBSEL
REFA+
C
GNDGND
GNDGND
GNDGND
VDDQ
GND
GND
REFA–
D
LOCK
4F0
3F1
GND
FBDS1
FBDS0
2F0
VDDQ
REFSEL
REFB–
E
4QB1
VDDN
4DS1
GND
3F0
4F1
GND
FS
VDDN
REFB+
F
4QB0
VDDN
3DS1
GND
GND
GND
GND
FBF0
VDDN
2QA0
G
4QA1
2DS1
VDDQ
GND
GND
GND
GND
VDDQ
1F0
2QA1
H
4QA0
1DS1
1DS0
VDDQ
GND
GND
VDDQ
OUTPUT_
MODE
FBDIS
2QB0
J
4DS0
3DS0
2DS0
DIS1
VDDN
VDDN
GND
INV3
DIS3
2QB1
K
2F1
1F1
DIS2
VDDN
3QA0
3QA1
GND
3QB0
3QB1
DIS4
GND
VDDQ
3F1
4F1
3F0
4F0
4DS1
3DS1
GND
4QB1
VDDN
4QB0
GND
GND
4QA1
VDDN
4QA0
GND
2DS1
1DS1
VDDQ
4DS0
3DS0
2DS0
1DS0
GND
OUTPUT_MODE
REFA+
REFA–
REFSEL
REFB–
REFB+
2F0
FS
GND
2QA0
VDDN
2QA1
GND
GND
2QB0
VDDN
2QB1
GND
FBF0
1F0
GND
VDDQ
FBDIS
DIS3
13
12
11
10
9
8
6
5
4
3
2
1
14
15
16
17
18
19
20
21
22
23
24
25
7
63
64
65
66
67
68
70
71
72
73
74
75
62
61
60
59
58
57
56
55
54
53
52
51
69
DIS4


Similar Part No. - LCK4993

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4950 AGERE-LCK4950 Datasheet
215Kb / 16P
   Low-Voltage PLL Clock Driver
LCK4953 AGERE-LCK4953 Datasheet
98Kb / 6P
   Low-Voltage PLL Clock Driver
LCK4972 AGERE-LCK4972 Datasheet
248Kb / 20P
   Low-Voltage PLL Clock Driver
LCK4973 AGERE-LCK4973 Datasheet
295Kb / 16P
   Low-Voltage PLL Clock Driver
More results

Similar Description - LCK4993

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com