Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCK4994KB-DB Datasheet(PDF) 11 Page - Agere Systems

Part # LCK4994KB-DB
Description  Low-Voltage PLL Clock Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LCK4994KB-DB Datasheet(HTML) 11 Page - Agere Systems

Back Button LCK4994KB-DB Datasheet HTML 7Page - Agere Systems LCK4994KB-DB Datasheet HTML 8Page - Agere Systems LCK4994KB-DB Datasheet HTML 9Page - Agere Systems LCK4994KB-DB Datasheet HTML 10Page - Agere Systems LCK4994KB-DB Datasheet HTML 11Page - Agere Systems LCK4994KB-DB Datasheet HTML 12Page - Agere Systems LCK4994KB-DB Datasheet HTML 13Page - Agere Systems LCK4994KB-DB Datasheet HTML 14Page - Agere Systems LCK4994KB-DB Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Data Sheet, Revision 1
LCK4993/LCK4994
May 5, 2004
Low-Voltage PLL Clock Drivers
Agere Systems Inc.
11
5.9 Factory Test Mode Description
The device will enter factory test mode when the OUTPUT_MODE input is driven to a mid level. In factory test mode, the
device will operate with its internal PLL disconnected. The reference input will replace the PLL output. While operating in
factory test mode, the selected FB input(s) must both be tied low. The output frequency is a function of the input level set on
the FS pin (see Table 5-6). When operating in factory test mode, all outputs must be set to the divide by 1 function. Output
skew select function operates normally, output bank disable is unavailable while operating in factory test mode. The
OUTPUT_MODE input is designed to be a static input. Dynamically toggling this input from low to high may temporarily
cause the device to go into factory test mode (when passing through the mid state).
5.9.1 Factory Test Reset
When operating in factory test mode (OUTPUT_MODE = mid), the device can be reset to a deterministic state by forcing
the DIS4 input to a logic high. With DIS4 in a logic high state, all clock outputs will go to HI-Z. After the selected reference
clock pin has five positive transitions, all the internal finite state machines (FSM) will be set to a deterministic state. The
deterministic state of the state machines will depend on the configuration of the divide select, skew select, and frequency
select inputs. All clock outputs will stay in high-impedance mode, and all FSMs will stay in the deterministic state until DIS4
is deasserted. When DIS4 is deasserted (with OUTPUT_MODE still at mid), the device will re-enter factory test mode.
5.10 Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute
stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those
given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can
adversely affect device reliability.
Table 5-6. Factory Test Mode Frequency Divide Select
FS
LCK4993
LCK4994
Output Frequency
Output Frequency
Divide By
Divide By
Low
32
16
Mid
16
8
High
8
4
Table 5-7. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Storage Temperature
Tstg
–40
125
°C
Supply Voltage
VDD
–0.5
4.6
V
dc Input Voltage
VDC
–0.3
VDD + 0.5
V
Output Current into Outputs (low)
IOUT
—40
mA
Latch-Up Current
IL
—±200
mA


Similar Part No. - LCK4994KB-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4950 AGERE-LCK4950 Datasheet
215Kb / 16P
   Low-Voltage PLL Clock Driver
LCK4953 AGERE-LCK4953 Datasheet
98Kb / 6P
   Low-Voltage PLL Clock Driver
LCK4972 AGERE-LCK4972 Datasheet
248Kb / 20P
   Low-Voltage PLL Clock Driver
LCK4973 AGERE-LCK4973 Datasheet
295Kb / 16P
   Low-Voltage PLL Clock Driver
More results

Similar Description - LCK4994KB-DB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com