Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTC3V340SHMRGT003 Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # GPTC3V340SHMRGT003
Description  TAURUS Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPTC3V340SHMRGT003 Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  GPTC3V340SHMRGT003 Datasheet HTML 1Page - Galaxy Power, Inc. GPTC3V340SHMRGT003 Datasheet HTML 2Page - Galaxy Power, Inc. GPTC3V340SHMRGT003 Datasheet HTML 3Page - Galaxy Power, Inc. GPTC3V340SHMRGT003 Datasheet HTML 4Page - Galaxy Power, Inc. GPTC3V340SHMRGT003 Datasheet HTML 5Page - Galaxy Power, Inc. GPTC3V340SHMRGT003 Datasheet HTML 6Page - Galaxy Power, Inc. GPTC3V340SHMRGT003 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Taurus Series, Page 1
WWW.GALAXYPWR.COM
Part No. 99–001 Rev. 5.0–090803
The Taurus half brick is the first
CoolConverterin the Galaxy family of
high-efficiency DC/DC converters.
Industry Standard Pinout and Footprint
Typical Efficiency:
93% at 3.3V, 20A; 91% at 3.3V, 40A
No Heat Sink Required
Very Low Common-mode Noise for a
Commercial DC/DC Converter
Two-stage Input Filter
Constant Switching Frequency
Remote Sense
Single Board Design
Optional Baseplate or Low Profile Heatsink
for Improved Thermal Performance
Header with M3 Metal Inserts for Mechanical
Connection to PCB
Two Year Warranty
TAURUS Series
48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3VDC, 40A Output
or 5.0VDC, 30A Output
Control Functions
Uses Patented Power Supply Control
and Architecture
Microprocessor Controlled
Primary-side Enable, Choice of Logic
Protection Features
Over Temperature Protection
Over Voltage Protection
Over/Under Input Voltage Protection
Over Current Protection
Typical Characteristics
Output Setpoint Accuracy:
±1%
Load Regulation:
±0.25%
Line Regulation:
±0.25%
Regulation over Line, Load, and Temperature:
±2%
Low Output Ripple
Output Trim
The open-frame Taurus is available with an
optional baseplate or low profile heatsink.


Similar Part No. - GPTC3V340SHMRGT003

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
GPTCLS01 CHERRY-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS01 ZFSWITCHES-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCLS11 CHERRY-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS11 ZFSWITCHES-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCNC11 CHERRY-GPTCNC11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
More results

Similar Description - GPTC3V340SHMRGT003

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com