Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66007P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M66007P
Description  12-BIT INPUT EXPANDER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66007P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66007P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66007P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66007P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66007P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66007P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66007P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66007P/FP
12-BIT INPUT EXPANDER
1
MITSUBISHI
〈DIGITAL ASSP〉
M66007P/FP
12-BIT INPUT EXPANDER
DESCRIPTION
The M66007 is a semiconductor integrated circuit providing
the 12-bit parallel input-serial output shift register function.
This product is completely designed with CMOS to sharply
reduce power consumption compared with bipolar or Bi-
CMOS product.
The M66007, developed as an input only expander IC neces-
sary for microcomputer periphery, is widely applicable as a
data parallel/serial conversion IC.
FEATURES
• Control signals of only two pins including LE/D and CLK
• Low power consumption of 50 µW/package maximum
(Vcc=5V, Ta=25°C at time of standstill)
• Schmitt triggered input (LE/D, CLK, D0 to D11)
• Wide operating supply voltage range (Vcc=2~6V)
• Wide operating temperature range (Ta=–20~75°C)
APPLICATION
Parallel/serial data conversion for microcomputer periphery
FUNCTION
The M66007 uses a silicon gate CMOS process to achieve
low power consumption and high noise margin.
For control signals, this IC adopts only the two pins of latch
input/serial data output LE/D and clock input CLK. Each bit
of shift register of 12-bit parallel input-serial output consists of
flip-flop for shift.
When LE/D is placed in input mode, CLK is set to “H” and LE/
D changes from “H” to “L”, the status of parallel data inputs D0
to D11 at that time is latched with the flip-flop for shift and LE/
D is switched to output mode to output “L”.
PIN CONFIGURATION (TOP VIEW)
BLOCK DIAGRAM
Outline 16P4
16P2N-A
After this, change of CLK from “H” to “L” makes the shift regis-
ter perform shift operation and LE/D outputs the contents of
the shift register from D0 in order.
In addition, the shift operation for up to the 12th bit is carried
out and then LE/D is switched to the input mode at the falling
edge of CLK of the 13th bit.
When power is turned on, the input/output mode of LE/D is
indeterminate. However, detection of 13 or more falling
edges of CLK sets LE/D in the input mode.
LE/D
CLK
D11
D10
D9
D8
D7
D6
D5
D0
D1
D3
LE/D ↔
CLK →
D0 →
D1 →
D2 →
D3 →
D4 →
GND
VCC
← D11
← D10
← D9
← D8
← D7
← D6
← D5
LATCH INPUT/
SERIAL DATA OUTPUT
116
215
314
413
512
611
710
89
PARALLEL
DATA INPUT
CLOCK INPUT
PARALLEL
DATA INPUT
D2
D4
1
2
8
16
15
14
13
12
11
10
9
7
6
5
4
3
D11 D10 D9
D8
D0
D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Q11 Q10 Q9
Q8
Q0
GND
Vcc
CLK
LE/D
Vcc
QP
LCLK
QN
CLK
SQ
SD
LE
LE
D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LATCH INPUT/
SERIAL DATA OUTPUT
CLOCK INPUT
PARALLEL DATA INPUT
PARALLEL LATCH
SHIFT REGISTER
CONTROL CIRCUIT


Similar Part No. - M66007P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66004FP MITSUBISHI-M66004FP Datasheet
182Kb / 14P
   16-DIGIT 5x7-SEGMENT VFD CONTROLLER
M66004SP MITSUBISHI-M66004SP Datasheet
182Kb / 14P
   16-DIGIT 5x7-SEGMENT VFD CONTROLLER
logo
Renesas Technology Corp
M66004SP RENESAS-M66004SP Datasheet
2Mb / 15P
   16-DIGIT 5*7-SEGMENT VFD CONTROLLER
logo
Mitsubishi Electric Sem...
M66006FP MITSUBISHI-M66006FP Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results

Similar Description - M66007P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
logo
Exar Corporation
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
logo
Renesas Technology Corp
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
logo
Texas Instruments
SN74H61 TI-SN74H61 Datasheet
84Kb / 2P
[Old version datasheet]   TRIPLE 3-INPUT EXPANDER
logo
Fujitsu Component Limit...
MBL82C43 FUJITSU-MBL82C43 Datasheet
447Kb / 11P
   CMOS INPUT/OUTPUT EXPANDER
MBL8243 FUJITSU-MBL8243 Datasheet
420Kb / 10P
   NMOS INPUT/OUTPUT EXPANDER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com