Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8133BW Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8133BW
Description  White LED Driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8133BW Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8133BW Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SM8133B
NIPPON PRECISION CIRCUITS INC.—3
PINOUT
(Top view)
QFN-20
WL-CSP (under development)
PIN DESCRIPTION
12 345
15 14 13 12 11
10
9
8
7
6
16
17
18
19
20
VIN
C2P
C2M
C1M
C1P
EN
DIN7
DIN6
DIN5
GND
A
B
C
D
1
2
3
4
5
Number
Name
I/O
Description
QFN-20
WL-CSP
1
D1
DIN4
O
LED drive current control output 4 (connect to ground when not used)
2
C1
DIN3
O
LED drive current control output 3 (connect to ground when not used)
3
B1
DIN2
O
LED drive current control output 2 (connect to ground when not used)
4
B2
DIN1
O
LED drive current control output 1 (connect to ground when not used)
5
A2
PGND
Charge pump ground connection
6
A1
C1P
Charge pump capacitor connection 1P
7
A3
C1M
Charge pump capacitor connection 1M
8
B3
C2M
Charge pump capacitor connection 2M
9
B4
C2P
Charge pump capacitor connection 2P
10
A4
VIN
Voltage supply
11
A5
LDOUT
O
LDO output
12
B5
VOUT
O
LED drive voltage output
13
C5
RESETB
I
Reset signal input (internal reset when RESETB is LOW)
14
C4
SCK
I
Serial data clock input
15
D5
SDA
I
Serial data input
16
D4
EN
I
Serial interface enable input
17
C3
DIN7
O
LED drive current control output 7 (connect to ground when not used)
18
D3
DIN6
O
LED drive current control output 6 (connect to ground when not used)
19
D2
DIN5
O
LED drive current control output 5 (connect to ground when not used)
20
C2
GND
Ground


Similar Part No. - SM8133BW

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8133BW NPC-SM8133BW Datasheet
175Kb / 23P
   White LED Driver IC
More results

Similar Description - SM8133BW

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com