Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-6.8 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TGL41-6.8
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TGL41-6.8 Datasheet(HTML) 4 Page - Vishay Siliconix

  TGL41-6.8 Datasheet HTML 1Page - Vishay Siliconix TGL41-6.8 Datasheet HTML 2Page - Vishay Siliconix TGL41-6.8 Datasheet HTML 3Page - Vishay Siliconix TGL41-6.8 Datasheet HTML 4Page - Vishay Siliconix TGL41-6.8 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TGL41-6.8 thru TGL41-200A
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88403
4
03-May-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0
25
50
75
100
125
150
0
25
50
100
75
1
10
100
0
20
40
10
30
50
0.1
1.0
10
100
1.0
µs
10
µs
100
µs
1.0ms
10ms
0.1
µs
1.0
10
100
200
10
100
1,000
10,000
0
50
100
150
200
0
0.25
0.50
0.75
1.00
25
75
125
175
Non-Repetitive
Pulse Waveform
shown in Fig. 3
TA = 25°C
TGL41-6.8 TGL91A
TGL41-100 TGL200A
td, Pulse Width, sec.
TA, Ambient Temperature (°C)
V(BR), Breakdown Voltage (V)
Number of Cycles at 60 Hz
TL, Lead Temperature (°C)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Derating Curve
Fig. 5 - Steady State Power
Derating Curve
Fig. 6 - Maximum Non-Repetitive Peak Forward
Surge Current Unidirectional only
Fig. 4 - Typical Junction Capacitance
TJ = 25°C
f = 1.0 MHz
Vsq = 50MVpp
Unidirectional
Measured at Zero Bias
Measured at Stand-off
Voltage, VWM
0.31 x 0.31 x 0.08" Copper pads
(8 x 8 x 2mm)
60 Hz Resistive or
Inductive Load
8.3ms single half sine-wave
(JEDEC method)
TJ = TJ max.
0
50
100
150
Fig. 3 – Pulse Waveform
TJ = 25
°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10
µsec.
Peak Value
IPPM
Half Value — IPP
IPPM
2
td
10/1000
µsec. Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t — Time (ms)


Similar Part No. - TGL41-6.8

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-6.8 DIOTEC-TGL41-6.8 Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
TAITRON Components Inco...
TGL41-6.8 TAITRON-TGL41-6.8 Datasheet
217Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
106Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
More results

Similar Description - TGL41-6.8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com