Electronic Components Datasheet Search |
|
TGL41-10 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
TGL41-10 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 5 page TGL41-6.8 thru TGL41-200A Vishay Semiconductors formerly General Semiconductor www.vishay.com Document Number 88403 4 03-May-02 Ratings and Characteristic Curves (TA = 25°C unless otherwise noted) 0 25 50 75 100 125 150 0 25 50 100 75 1 10 100 0 20 40 10 30 50 0.1 1.0 10 100 1.0 µs 10 µs 100 µs 1.0ms 10ms 0.1 µs 1.0 10 100 200 10 100 1,000 10,000 0 50 100 150 200 0 0.25 0.50 0.75 1.00 25 75 125 175 Non-Repetitive Pulse Waveform shown in Fig. 3 TA = 25°C TGL41-6.8 TGL91A TGL41-100 TGL200A td, Pulse Width, sec. TA, Ambient Temperature (°C) V(BR), Breakdown Voltage (V) Number of Cycles at 60 Hz TL, Lead Temperature (°C) Fig. 1 - Peak Pulse Power Rating Curve Fig. 2 - Pulse Derating Curve Fig. 5 - Steady State Power Derating Curve Fig. 6 - Maximum Non-Repetitive Peak Forward Surge Current Unidirectional only Fig. 4 - Typical Junction Capacitance TJ = 25°C f = 1.0 MHz Vsq = 50MVpp Unidirectional Measured at Zero Bias Measured at Stand-off Voltage, VWM 0.31 x 0.31 x 0.08" Copper pads (8 x 8 x 2mm) 60 Hz Resistive or Inductive Load 8.3ms single half sine-wave (JEDEC method) TJ = TJ max. 0 50 100 150 Fig. 3 – Pulse Waveform TJ = 25 °C Pulse Width (td) is defined as the point where the peak current decays to 50% of IPPM tr = 10 µsec. Peak Value IPPM Half Value — IPP IPPM 2 td 10/1000 µsec. Waveform as defined by R.E.A. 0 1.0 2.0 3.0 4.0 t — Time (ms) |
Similar Part No. - TGL41-10 |
|
Similar Description - TGL41-10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |