Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94CIMTX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM94CIMTX
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94CIMTX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM94CIMTX Datasheet HTML 5Page - National Semiconductor (TI) LM94CIMTX Datasheet HTML 6Page - National Semiconductor (TI) LM94CIMTX Datasheet HTML 7Page - National Semiconductor (TI) LM94CIMTX Datasheet HTML 8Page - National Semiconductor (TI) LM94CIMTX Datasheet HTML 9Page - National Semiconductor (TI) LM94CIMTX Datasheet HTML 10Page - National Semiconductor (TI) LM94CIMTX Datasheet HTML 11Page - National Semiconductor (TI) LM94CIMTX Datasheet HTML 12Page - National Semiconductor (TI) LM94CIMTX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
10.0 Recommended Implementation (Continued)
20112407
Note: 100 pF cap across each thermal diode is optional and should be placed close to the LM94, if used. The maximum capacitance between thermal diode
pins is 300 pF.
Thermal diode recommended implementation
11.0 Functional Description
The LM94 provides 16 channels of voltage monitoring, 4
remote thermal diode monitors, an internal/local ambient
temperature sensor, 2 PROCHOT monitors, 4 fan tachom-
eters, 8 GPIOs, THERMTRIP monitor for masking error
events, 2 sets of 7 VID inputs, an ALERT output and all the
associated limit registers on a single chip, and communi-
cates to the rest of the baseboard over the System Manage-
ment Bus (SMBus). The LM94 also provides 2 PWM outputs
and associated fan control logic for controlling the speed of
system fans. There are two sets of fan control logic, a lookup
table and a PI (proportional/integral) loop controller. The
lookup table and PI controller are interactive, such that the
fans run at the fastest required speed. Upon a temperature
or fan tach error event, the PWM outputs may be pro-
grammed such that they automatically boost to 100% duty
cycle. A timer is included that sets the minimum time that the
fans are in the boost condition when activated by a fan tach
error.
The LM94 incorporates National Semiconductor’s TruTherm
technology for precision “Remote Diode” readings of proces-
sors on 90nm process geometry or smaller. Readings from
the external thermal diodes and the internal temperature
sensor are made available as an 9-bit two’s-complement
digital value with the LSb representing 0.5˚C. Filtered tem-
perature
readings
are
available
as
a
12-bit
two’s-
complement
digital
value
with
the
LSb
representing
0.0625˚C.
All but 4 of the analog inputs include internal scaling resis-
tors. External scaling resistors are required for measuring
±12V. The inputs are converted to 8-bit digital values such
that a nominal voltage appears at 34 scale for positive volt-
ages and 14 scale for negative voltages. The analog inputs
are intended to be connected to both baseboard resident
VRDs and to standard voltage rails supplied by a SSI com-
pliant power supply.
The LM94 has logic that ties a set of dynamically moving VID
inputs to their associated Vccp analog input for real time
window comparison fault determination. Voltage mapping for
VRD10, VRD10 extended and VRD11are supported by the
LM94. When VRD10 mode is selected GPI8 and GPI9 can
be used to detect external error flags whose state is be
reflected in the status registers.
Error events are captured in two sets of mirrored status
registers (BMC Error Status Registers and Host Status Reg-
isters) allowing two controllers access to the status informa-
tion without any interference.
The LM94’s ALERT output supports interrupt mode or com-
parator mode of operation. The comparator mode is only
functional for thermal monitoring.
The LM94 provides a number of internal registers, which are
detailed in the register section of this document.
12.0 Please contact your local sales office for complete LM94 applications
information.
13.0 Registers
13.1 REGISTER WARNINGS
In most cases, reserved registers and register bits return zero when read. This should not be relied upon, since reserved registers
can be used for future expansion of the LM94 functions.
Some registers have “N/D” for their default value. This means that the power-up default of the register is not defined. In the case
of value registers, care should be taken to ensure that software does not read a value register until the associated measurement
function has acquired a measurement. This applies to temperatures, voltages, fan RPM, and PROCHOT monitoring.
www.national.com
9


Similar Part No. - LM94CIMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94CIMTX/NOPB TI1-LM94CIMTX/NOPB Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
More results

Similar Description - LM94CIMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control for Server Management
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
logo
Grenergy Opto, lnc.
GR5300 GRENERGY-GR5300 Datasheet
442Kb / 6P
   Monitor and Timing Management for Single-Loop NiMH Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com