Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R51 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R51
Description  A/D Type 8-Bit OTP MCU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R51 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R51 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R51 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA2
PA3/PFD
PA4/TMR
PA5/INT
PA6~PA7
I/O
Pull-high
Wake-up
PA3 or PFD
Bidirectional 8-bit input/output port. Each individual bit on this port can be config-
ured as a wake-up input by configuration option. Software instructions determine
if the pin is a CMOS output or Schmitt trigger input. Configuration options deter-
mine which pins on this port have pull-high resistors. The PFD, TMR and external
interrupt input are pin-shared with PA3, PA4, and PA5 respectively.
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB4/AN4
I/O
Pull-high
Bidirectional 5-bit input/output port. Software instructions determine the CMOS
output or Schmitt trigger input with or without pull-high resistor. Configuration op-
tions determine which pins on this port have pull-high resistors. PB is pin-shared
with the A/D input pins. The A/D inputs are selected via software instructions
Once selected as an A/D input, the I/O function and pull-high resistor functions
are disabled automatically.
PD0/PWM
I/O
Pull-high
PD0 or PWM
Bidirectional 1-bit input/output port. Software instructions determine the CMOS
output or Schmitt trigger input with or without pull-high resistor. One configuration
option determines which pin on this port has pull-high resistor. PD0 is pin-shared
with the PWM output selected via configuration option.
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal (deter-
mined by configuration option) for the internal system clock. For external RC sys-
tem clock operation, OSC2 is an output pin for 1/4 system clock.
RES
I
¾
Schmitt trigger reset input, active low
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
VREF
I
¾
A/D Converter Reference Input voltage pins. Connect this pin to the desired A/D
reference voltage. The VREF pin is connected to VDD for the 18-pin DIP package
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current (Crystal OSC)
3V
No load, fSYS=4MHz
ADC disabled
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current (RC OSC)
3V
No load, fSYS=4MHz
ADC disabled
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
IDD3
Operating Current
5V
No load, fSYS=8MHz
ADC disabled
¾
48
mA
ISTB1
Standby Current (WDT Enabled)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
HT46R51/HT46R52
Rev. 1.40
3
July 12, 2005


Similar Part No. - HT46R51

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R51

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com