Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R71D Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46R71D
Description  A/D with LCD Type 8-Bit MCU
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R71D Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46R71D Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Pin Name
I/O
Options
Description
DOPAN,
DOPAP,
DOPAO,
DCHOP
AI/AO
¾
Dual Slope converter pre-stage OPA related pins. DOPAN is OPA
Negative input pin, DOPAP is OPA Positive input pin, DOPAO is OPA
output pin and the DCHOP is OPA Chopper pins.
DSRR,
DSRC,
DSCC
AI/AO
¾
Dual slope AD converter main function RC circuit. DSRR is the input or
reference signal, DSRC is the Integrator negative input, and DSCC is
the comparator negative input.
OSC1
OSC2
I
O
External RC
OSC1, OSC2 are connected to an external RC network for the internal
system clock. For external RC system clock operation, OSC2 is an out-
put pin for 1/4 system clock.
RES
I
¾
Schmitt trigger reset input, active low
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
AVSS
¾¾
Analog negative power supply, ground
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz
2.2
¾
5.5
V
IDD1
Operating Current
(External RC OSC)
3V
No load, ADC off,
fSYS=2MHz
¾
0.5
1
mA
5V
¾
1.5
3
mA
IDD2
Operating Current
(External RC OSC)
3V
No load, ADC off,
fSYS=4MHz
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
IDD3
Operating Current
(External RC OSC)
5V
No load, ADC on,
fSYS=4MHz,
ADCCLK=125kHz
¾
35
mA
ISTB1
Standby Current
(WDT Disable)
3V
No load, system HALT,
LCD off at HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(WDT Enable)
3V
No load, system HALT,
LCD off at HALT, ADC off
¾
2.5
5
mA
5V
¾
815
mA
ISTB3
Standby Current (WDT Disable
Internal RC 12kHz OSC ON)
3V
No load, system HALT,
LCD off at HALT, ADC off
¾
25
mA
5V
¾
610
mA
ISTB4
Standby Current (WDT Disable
Internal RC 12kHz OSC ON)
3V
No load, system HALT,
LCD on at HALT, 1/2 bias,
VLCD=VDD
¾
17
30
mA
5V
¾
34
60
mA
HT46R71D
Rev. 1.00
4
January 9, 2006


Similar Part No. - HT46R71D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R71D-1 HOLTEK-HT46R71D-1 Datasheet
347Kb / 46P
   Dual Slope A/D Type MCU with LCD
More results

Similar Description - HT46R71D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com