Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47R20A-1 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT47R20A-1
Description  R-F Type 8-Bit MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47R20A-1 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT47R20A-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47R20A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB5
Standby Current
(*fS=32.768kHz OSC)
3V
No load, system HALT,
LCD on at HALT, R type,
1/3 bias
¾
13
25
mA
5V
¾
28
50
mA
ISTB6
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT,
LCD on at HALT, R type,
1/2 bias
¾
14
25
mA
5V
¾
26
50
mA
ISTB7
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT,
LCD on at HALT, R type,
1/3 bias
¾
10
20
mA
5V
¾
19
40
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
3V
¾
0.7VDD
¾
VDD
V
5V
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
IOL2
LCD Common and Segment
Current
3V
VOL=0.1VDD
210
420
¾mA
5V
350
700
¾mA
IOH2
LCD Common and Segment
Current
3V
VOH=0.9VDD
-80
-160
¾mA
5V
-180
-360
¾mA
IOL3
RC Oscillation Output Sink Current
3V
VOL=0.3V
510
¾
mA
IOH3
RC Oscillation Output Source
Current
3V
VOH=2.7V
-5
-10
¾
mA
RPH
Pull-high Resistance of I/O Ports
and INT0, INT1
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
VLVR
Low Voltage Reset
¾
¾
2.5
3.2
3.6
V
VLVD
Low Voltage Detector Voltage
¾
3.0
3.3
3.6
V
Note:
²*² tSYS= 1/fSYS
²**² for power on protection
HT47R20A-1/HT47C20-1
Rev. 1.70
5
June 14, 2005


Similar Part No. - HT47R20A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
More results

Similar Description - HT47R20A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
HT47R10A-1 HOLTEK-HT47R10A-1 Datasheet
318Kb / 43P
   R-F Type 8-Bit MCU
HT47C20 HOLTEK-HT47C20_02 Datasheet
348Kb / 46P
   8-Bit R-F Type Mask MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
   C/R to F Type 8-Bit OTP MCU
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
   C/R to F Type 8-Bit OTP MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
   R-F Type Low Voltage 8-Bit Mask MCU
HT45R35 HOLTEK-HT45R35_10 Datasheet
383Kb / 59P
   C/R to F Type 8-Bit OTP MCU
HT45R34 HOLTEK-HT45R34 Datasheet
307Kb / 41P
   C/R to F Type 8-Bit OTP MCU
HT45R38 HOLTEK-HT45R38 Datasheet
349Kb / 49P
   C/R to F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com