Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47C20-1 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT47C20-1
Description  R-F Type 8-Bit MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20-1 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT47C20-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20-1 Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20-1 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
HT47R20A-1/HT47C20-1
Rev. 1.70
9
June 14, 2005
from the stack. After a chip reset, the SP will point to the
top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
In a similar case, if the stack is full and a
²CALL² is sub-
sequently executed, stack overflow occurs and the first
entry will be lost (only the most recent four return ad-
dresses are stored).
Data Memory
- RAM
The data memory is designed with 85
´8 bits. The data
memory and is divided into two functional groups: spe-
cial function registers and general purpose data mem-
ory (64
´8). Most are read/write, but some are read only.
The special function registers include the indirect ad-
dressing register 0 (00H), the memory pointer register 0
(mp0; 01H), the indirect addressing register 1 (02H), the
memory pointer register 1 (MP1;03H), the bank pointer
(BP;04H), the accumulator (ACC;05H), the program
counter lower-order byte register (PCL;06H), the table
pointer (TBLP;07H), the table higher-order byte register
(TBLH;08H), the real time clock control register
(RTCC;09H), the status register (STATUS;0AH), the in-
terrupt control register 0 (INTC0;0BH), the I/O registers
(PA;12H, PB;14H), the interrupt control register 1
(INTC1;1EH), the timer/event counter A higher order byte
register (TMRAH;20H), the timer/event counter A lower or-
der byte register (TMRAL;21H), the timer/event counter
control register (TMRC;22H), the timer/event counter B
higher order byte register (TMRBH;23H), the timer/event
counter B lower order byte register (TMRBL;24H), and the
RC oscillator type A/D converter control register (ADCR;
25H). The remaining space before the 40H are reserved
for future expanded usage and reading these location
will return the result 00H. The general purpose data
memory, addressed from 40H to 7FH, is used for data
and control information under instruction command.
All data memory areas can handle arithmetic, logic, in-
crement, decrement and rotate operations. Except for
some dedicated bits, each bit in the data memory can be
set and reset by the SET [m].i and CLR [m].i instruction,
respectively. They are also indirectly accessible through
memory pointer registers (MP0;01H, MP1;03H).
G e n e r a l P u r p o s e
D a t a M e m o r y
( 6 4 B y t e s )
7 F H
2 0 H
I N T C 1
T M R A H
T M R A L
T M R C
T M R B H
T M R B L
A D C R
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
4 0 H
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
P A
P B
M P 1
B P
A C C
P C L
T B L P
T B L H
R T C C
S T A T U S
I N T C 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
RAM Mapping (Bank 0)


Similar Part No. - HT47C20-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C20-1 HOLTEK-HT47C20-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
More results

Similar Description - HT47C20-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
HT47R10A-1 HOLTEK-HT47R10A-1 Datasheet
318Kb / 43P
   R-F Type 8-Bit MCU
HT47C20 HOLTEK-HT47C20_02 Datasheet
348Kb / 46P
   8-Bit R-F Type Mask MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
   C/R to F Type 8-Bit OTP MCU
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
   C/R to F Type 8-Bit OTP MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
   R-F Type Low Voltage 8-Bit Mask MCU
HT45R35 HOLTEK-HT45R35_10 Datasheet
383Kb / 59P
   C/R to F Type 8-Bit OTP MCU
HT45R34 HOLTEK-HT45R34 Datasheet
307Kb / 41P
   C/R to F Type 8-Bit OTP MCU
HT45R38 HOLTEK-HT45R38 Datasheet
349Kb / 49P
   C/R to F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com