Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-75A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TGL41-75A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TGL41-75A Datasheet(HTML) 3 Page - Vishay Siliconix

  TGL41-75A Datasheet HTML 1Page - Vishay Siliconix TGL41-75A Datasheet HTML 2Page - Vishay Siliconix TGL41-75A Datasheet HTML 3Page - Vishay Siliconix TGL41-75A Datasheet HTML 4Page - Vishay Siliconix TGL41-75A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TGL41-6.8 thru TGL41-200A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88403
www.vishay.com
03-May-02
3
Electrical Characteristics (TA = 25°C unless otherwise noted)
Breakdown Voltage
Maximum Reverse
Maximum
Maximum
Maximum
VBR (V)(1)
Test Current
Stand-off Voltage
Leakage at
Peak Pulse
Clamping Voltage
Temperature
at IT
VWM
VWM ID (
µA)
Current IPPM
at IPPM
Coefficient
Device Type
Min
Max
(mA)
(V)
(A)(2)
VC (V)
of VBR (% / °C)
TGL41-47
42.3
51.7
1.0
38.1
5.0
5.9
67.8
0.104
TGL41-47A
44.7
49.4
1.0
40.2
5.0
6.2
64.8
0.104
TGL41-51
45.9
56.1
1.0
41.3
5.0
5.4
73.5
0.105
TGL41-51A
48.5
53.6
1.0
43.6
5.0
5.7
70.1
0.105
TGL41-56
50.4
61.6
1.0
45.4
5.0
5.0
80.5
0.106
TGL41-56A
53.2
58.8
1.0
47.8
5.0
5.2
77.0
0.106
TGL41-62
55.8
68.2
1.0
50.2
5.0
4.5
89.0
0.107
TGL41-62A
58.9
65.1
1.0
53.0
5.0
4.7
85.0
0.107
TGL41-68
61.2
74.8
1.0
55.1
5.0
4.1
98.0
0.107
TGL41-68A
64.6
71.4
1.0
58.1
5.0
4.3
92.0
0.107
TGL41-75
67.5
82.5
1.0
60.7
5.0
3.7
108
0.108
TGL41-75A
71.3
78.8
1.0
64.1
5.0
3.9
103
0.108
TGL41-82
73.8
90.2
1.0
66.4
5.0
3.4
118
0.108
TGL41-82A
77.9
86.1
1.0
70.1
5.0
3.5
113
0.108
TGL41-91
81.9
100.0
1.0
73.7
5.0
3.1
131
0.109
TGL41-91A
86.5
95.50
1.0
77.8
5.0
3.2
125
0.109
TGL41-100
90.0
110.0
1.0
81.0
5.0
1.39
144
0.109
TGL41-100A
95.0
105.0
1.0
85.5
5.0
1.46
137
0.109
TGL41-110
99.0
121.0
1.0
89.2
5.0
1.27
158
0.110
TGL41-110A
105.0
116.0
1.0
94.0
5.0
1.32
152
0.110
TGL41-120
108.0
132.0
1.0
97.2
5.0
1.16
173
0.110
TGL41-120A
114.0
126.0
1.0
102.0
5.0
1.21
165
0.110
TGL41-130
117.0
143.0
1.0
105.0
5.0
1.07
187
0.110
TGL41-130A
124.0
137.0
1.0
111.0
5.0
1.12
179
0.110
TGL41-150
135.0
165.0
1.0
121.0
5.0
0.93
215
0.111
TGL41-150A
143.0
158.0
1.0
128.0
5.0
0.97
207
0.111
TGL41-160
144.0
176.0
1.0
130.0
5.0
0.87
230
0.111
TGL41-160A
152.0
168.0
1.0
136.0
5.0
0.91
219
0.111
TGL41-170
153.0
187.0
1.0
138.0
5.0
0.82
244
0.111
TGL41-170A
162.0
179.0
1.0
145.0
5.0
0.85
234
0.111
TGL41-180
162.0
198.0
1.0
146.0
5.0
0.78
258
0.111
TGL41-180A
171.0
189.0
1.0
154.0
5.0
0.81
246
0.111
TGL41-200
180.0
220.0
1.0
162.0
5.0
0.70
287
0.111
TGL41-200A
190.0
210.0
1.0
171.0
5.0
0.73
274
0.111
Notes: (1) V(BR) measured after IT applied for 300
µs square wave pulse or equivalent
(2) Surge current waveform per Figure 3 and derate per Fig.2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - TGL41-75A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-75A DIOTEC-TGL41-75A Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-75A MICROSEMI-TGL41-75A Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-75A MICROSEMI-TGL41-75A Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Diotec Semiconductor
TGL41-75A DIOTEC-TGL41-75A Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
TGL41-75A TAITRON-TGL41-75A Datasheet
217Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - TGL41-75A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com