Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66008P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M66008P
Description  16-BIT I/O EXPANDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66008P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M66008P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66008P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66008P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66008P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66008P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66008P/FP
16-BIT I/O EXPANDER
5
TIMING DIAGRAM
50%
CLK
50%
50%
GND
50%
50%
DO
S
CS
10%
tPLZ
tPZL
trec
tw
tw
50%
50%
50%
50%
50%
50%
CS
50%
50%
50%
50%
VCC
VOL
≈ VCC
GND
VCC
VOL
≈ VCC
GND
VCC
VOL
≈ VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
D1 ~ D16
DI
CLK
S
DO
D1 ~ D16
10%
10%
tPLZ
tPLZ
tPZL
tw
tw
tw
tsu
th
50%
50%
50%
D1 ~ D16
CS
tsu
th
50%
50%
50%
50%
CS
CLK
tsu
th


Similar Part No. - M66008P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
More results

Similar Description - M66008P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com