Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TGL41-100
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TGL41-100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TGL41-100 Datasheet HTML 1Page - Vishay Siliconix TGL41-100 Datasheet HTML 2Page - Vishay Siliconix TGL41-100 Datasheet HTML 3Page - Vishay Siliconix TGL41-100 Datasheet HTML 4Page - Vishay Siliconix TGL41-100 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TGL41-6.8 thru TGL41-200A
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88403
2
03-May-02
Electrical Characteristics (TA = 25°C unless otherwise noted)
Breakdown Voltage
Maximum Reverse
Maximum
Maximum
Maximum
VBR (V)(1)
Test Current
Stand-off Voltage
Leakage at
Peak Pulse
Clamping Voltage
Temperature
at IT
VWM
VWM ID (
µA)
Current IPPM
at IPPM
Coefficient
Device Type
Min
Max
(mA)
(V)
(A)(2)
VC (V)
of VBR (% / °C)
TGL41-6.8
6.12
7.48
10
5.50
1000
37.0
10.8
0.060
TGL41-6.8A
6.45
7.14
10
5.80
1000
38.1
10.5
0.060
TGL41-7.5
6.75
8.25
10
6.05
500
34.2
11.7
0.064
TGL41-7.5A
7.13
7.88
10
6.40
500
35.4
11.3
0.064
TGL41-8.2
7.38
9.02
10
6.63
200
32.0
12.5
0.068
TGL41-8.2A
7.79
8.61
10
7.02
200
33.1
12.1
0.068
TGL41-9.1
8.19
10.0
1.0
7.37
50.0
29.0
13.8
0.071
TGL41-9.1A
8.65
9.55
1.0
7.78
50.0
29.9
13.4
0.071
TGL41 -10
9.00
11.0
1.0
8.10
10.0
26.7
15.0
0.076
TGL41 -10A
9.50
10.5
1.0
8.55
10.0
27.6
14.5
0.076
TGL41 -11
9.90
12.1
1.0
8.92
5.0
24.7
16.2
0.078
TGL41 -11A
10.5
11.6
1.0
9.40
5.0
25.6
15.6
0.078
TGL41-12
10.8
13.2
1.0
9.72
5.0
23.1
17.3
0.081
TGL41-12A
11.4
12.6
1.0
10.2
5.0
24.0
16.7
0.081
TGL41-13
11.7
14.3
1.0
10.5
5.0
21.1
19.0
0.084
TGL41-13A
12.4
13.7
1.0
11.1
5.0
22.0
18.2
0.084
TGL41-15
13.5
16.5
1.0
12.1
5.0
18.2
22.0
0.087
TGL41-15A
14.3
15.8
1.0
12.8
5.0
18.9
21.2
0.087
TGL41-16
14.4
17.6
1.0
12.9
5.0
17.0
23.5
0.089
TGL41-16A
15.2
16.8
1.0
13.6
5.0
17.8
22.5
0.089
TGL41-18
16.2
19.8
1.0
14.5
5.0
15.1
26.5
0.091
TGL41-18A
17.1
18.9
1.0
15.3
5.0
15.9
25.2
0.091
TGL41-20
18.0
22.0
1.0
16.2
5.0
13.7
29.1
0.093
TGL41-20A
19.0
21.0
1.0
17.1
5.0
14.4
27.7
0.093
TGL41-22
19.8
24.2
1.0
17.8
5.0
12.5
31.9
0.095
TGL41-22A
20.9
23.1
1.0
18.8
5.0
13.1
30.6
0.095
TGL41-24
21.6
26.4
1.0
19.4
5.0
11.5
34.7
0.097
TGL41-24A
22.8
25.2
1.0
20.5
5.0
12.0
33.2
0.097
TGL41-27
24.3
29.7
1.0
21.8
5.0
10.2
39.1
0.099
TGL41-27A
25.7
28.4
1.0
23.1
5.0
10.7
37.5
0.099
TGL41-30
27.0
33.0
1.0
24.3
5.0
9.2
43.5
0.100
TGL41-30A
28.5
31.5
1.0
25.6
5.0
9.7
41.4
0.100
TGL41-33
29.7
36.3
1.0
26.8
5.0
8.4
47.7
0.101
TGL41-33A
31.4
34.7
1.0
28.2
5.0
8.8
45.7
0.101
TGL41-36
32.4
39.6
1.0
29.1
5.0
7.7
52.0
0.102
TGL41-36A
34.2
37.8
1.0
30.8
5.0
8.0
49.9
0.102
TGL41-39
35.1
42.9
1.0
31.6
5.0
7.1
56.4
0.103
TGL41-39A
37.1
41.0
1.0
33.3
5.0
7.4
53.9
0.103
TGL41-43
38.7
47.3
1.0
34.8
5.0
6.5
61.9
0.104
TGL41-43A
40.9
45.2
1.0
36.8
5.0
6.7
59.3
0.104


Similar Part No. - TGL41-100

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-100 DIOTEC-TGL41-100 Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-100 MICROSEMI-TGL41-100 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-100 MICROSEMI-TGL41-100 Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Diotec Semiconductor
TGL41-100 DIOTEC-TGL41-100 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
TGL41-100 TAITRON-TGL41-100 Datasheet
217Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - TGL41-100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com