Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48C50-1 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48C50-1
Description  I/O Type 8-Bit MCU
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C50-1 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48C50-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48C50-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48C50-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C50-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C50-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C50-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C50-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C50-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C50-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Pin Name
I/O
Options
Description
RES
I
¾
Schmitt trigger reset input. Active low
VDD
¾¾
Positive power supply
OSC1/PG1
OSC2/PG2
I
O
Pull-high*
Crystal
or RC
or Int. RC+I/O
or Int. RC+RTC
OSC1, OSC2 are connected to an RC network or Crystal (determined by
option) for the internal system clock. In the case of RC operation, OSC2 is
the output terminal for 1/4 system clock. These two pins can also be
optioned as an RTC oscillator (32768Hz) or I/O lines. In these two cases,
the system clock comes from an internal RC oscillator whose frequency
has 4 options (3.2MHz, 1.6MHz, 800kHz, 400kHz). If the I/O option is se-
lected, the pull-high option can also be enabled or disabled. Otherwise the
PG1 and PG2 are used as internal registers (pull-high resistors are always
disabled).
Note: * The pull-high resistors of each I/O port (PA, PB, PC, PD, PG) are controlled by options.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz
2.2
¾
5.5
V
¾ fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
2.5
5
mA
IDD23
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz
¾
48
mA
ISTB1
Standby Current
(WDT OSC Enabled RTC Off)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(WDT OSC Disabled RTC Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB3
Standby Current
(WDT OSC Disabled, RTC On)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾ LVRenabled
2.7
3.0
3.3
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
VOL=0.1VDD
10
20
¾
mA
HT48R50A-1/HT48C50-1
Rev. 2.00
4
March 8, 2006


Similar Part No. - HT48C50-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C50-1 HOLTEK-HT48C50-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48C50-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com