Electronic Components Datasheet Search |
|
TGL41-200 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
TGL41-200 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page TGL41-6.8 thru TGL41-200A Vishay Semiconductors formerly General Semiconductor Document Number 88403 www.vishay.com 03-May-02 1 Surface Mount TRANSZORB ® Transient Voltage Suppressors Breakdown Voltage 6.8 to 200V Peak Pulse Power 400W Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified. Parameter Symbol Value Unit Peak pulse power dissipation with a PPPM Minimum 400 W 10/1000 µs waveform(1)(Fig. 1) Steady state power dissipation at TL = 75°C (2) PM(AV) 1.0 W Peak pulse current with a 10/1000 µs waveform(1)(Fig. 3) IPPM See Next Table A Peak forward surge current, 8.3 ms single half sine-wave IFSM 40 A unidirectional only(3) Maximum instantaneous forward voltage at 25A for VF 3.5 V unidirectional only Operating junction and storage temperature range TJ, TSTG –55 to +150 °C Notes: (1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2. Rating is 200W above 91V. (2) Mounted on copper pads to each terminal of 0.31 in2 (8.0 mm2) per Fig. 5 (3) Measured at 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minute maximum SOLDERABLE ENDS 1st BAND 0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185(4.7) D1= 0.105 0.095 (2.67) (2.41) D2 = D1 + 0 - 0.008 (0.20) 1st band denotes type and positive end (cathode) D2 0.022 (0.56) 0.018 (0.46) Dimensions in inches and (millimeters) DO-213AB (GL41) Features • Plastic package has Underwriters Laboratory Flammability Classificaion 94V-0 • For surface mounted applications • Glass passivated junction • Excellent clamping capability • Low incremental surge resistance • Very fast response time • 400W peak pulse capability with a 10/1000 µs waveform, repetition rate (duty cycle): 0.01% (200W above 91V) • For devices with V(BR) ≥10V, ID are typically less than 1.0 µA • High temperature soldering guaranteed: 250°C/10 seconds at terminals • Available in unidirectional only Mechanical Data Case: JEDEC DO-213AB molded plastic body over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250°C/10 seconds at terminals Polarity: Blue bands denotes the cathode which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.0046 oz., 0.166 g Packaging codes/options: 26/5K per 13" Reel (12mm tape), 60K/box 46/1.5K per 7" Reel (12mm tape), 30K/box Mounting Pad Layout 0.157 (4.00) 0.118 (3.00) MIN MAX 0.256 (6.50) REF 0.049 (1.25) MIN |
Similar Part No. - TGL41-200 |
|
Similar Description - TGL41-200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |