Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CA0-1 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT48CA0-1
Description  Remote Type 8-Bit MCU
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA0-1 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48CA0-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CA0-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CA0-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA0-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA0-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA0-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA0-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA0-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CA0-1 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
HT48RA0-1/HT48CA0-1
Rev. 1.40
7
December 21, 2005
Oscillator Configuration
There are two oscillator circuits implemented in the
microcontroller.
Both are designed for system clocks; the RC oscillator
and the Crystal oscillator, which are determined by code
options. No matter what oscillator type is selected, the
signal provides the system clock. The HALT mode stops
the system oscillator and ignores the external signal to
conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS in needed and the resistance must
range from 51k
W to 1MW. The system clock, divided by
4, is available on OSC2, which can be used to synchro-
nize external logic. The RC oscillator provides the most
cost effective solution. However, the frequency of the
oscillation may vary with VDD, temperature and the chip
itself due to process variations. It is, therefore, not suit-
able for timing sensitive operations where accurate os-
cillator frequency is desired.
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift for the oscillator. No other external components are
needed. Instead of a crystal, the resonator can also be
connected between OSC1 and OSC2 to get a frequency
reference, but two external capacitors in OSC1 and
OSC2 are required.
Watchdog Timer
- WDT
The clock source of the WDT is implemented by instruc-
tion clock (system clock divided by 4). The clock source
is processed by a frequency divider and a prescaller to
yield various time out periods.
WDT time out period =
Clock Source
2
n
Where n= 8~11 selected by code option.
Bit No.
Label
Function
0C
C is set if the operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a ro-
tate through carry instruction.
1AC
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared when either a system power-up or executing the CLR WDT instruction. PDF
is set by executing the HALT instruction.
5TO
TO is cleared by a system power-up or executing the CLR WDT or HALT instruction. TO is
set by a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status (0AH) Register
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 1
O S C 2
f S Y S / 4
( N M O S o p e n
d r a i n o u t p u t )
System Oscillator
2 n
C l o c k S o u r c e
( S y s t e m C l o c k / 4 )
3 - b i t C o u n t e r
P r e s c a l l e r
( 8 - b i t )
W D T
T i m e - o u t
C o d e O p t i o n
S e l e c t
C o d e
O p t i o n
C l e a r W D T
F r e q u e n c y D i v i d e r
C l o c k S o u r c e
( n = 8 ~ 1 1 )
Watchdog Timer


Similar Part No. - HT48CA0-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA0-2 HOLTEK-HT48CA0-2 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48CA0-3 HOLTEK-HT48CA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48CA0-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com