Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C512-20NI Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IS61C512-20NI
Description  64K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C512-20NI Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IS61C512-20NI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C512-20NI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C512-20NI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C512-20NI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C512-20NI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C512-20NI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C512-20NI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C512-20NI Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IS61C512
Integrated Circuit Solution Inc.
3
SR011-0B
DC ELECTRICAL CHARACTERISTICS
(Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.5
V
VIL
Input LOW Voltage
(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ V
IN
≤ V
CC
–2
2
µA
ILO
Output Leakage
GND
≤ V
OUT
≤ V
CC
, Outputs Disabled
–2
2
µA
Notes:
1.
VIL = –3.0V for pulse width less than 10 ns.
POWER SUPPLY CHARACTERISTICS(1)
(Over Operating Range)
-15 ns
-20 ns
-25 ns
-35 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC1
Vcc Operating
VCC = Max.,
Com.
70
70
70
70
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
90
90
90
ICC2
Vcc Dynamic Operating
VCC = Max.,
Com.
125
115
105
90
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
135
125
115
ISB1
TTL Standby Current
VCC = Max.,
Com.
25
25
25
25
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
30
30
30
CE1
≥ V
IH
or
CE2
≤ V
IL
, f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
750
750
750
750
µA
Current (CMOS Inputs)
CE1
≥ V
CC
– 0.2V,
Ind.
1
1
1
mA
CE2
≤ 0.2V,
VIN
≥ V
CC
– 0.2V, or
VIN
≤ 0.2V, f = 0
Notes:
1.
At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
7
pF
Notes:
1.
Tested initially and after any design or process changes that may affect these parameters.
2.
Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
5V ± 10%
Industrial
–40°C to +85°C
5V ± 10%


Similar Part No. - IS61C512-20NI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KI ISSI-IS61C5128AL-10KI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KLI ISSI-IS61C5128AL-10KLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TI ISSI-IS61C5128AL-10TI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TLI ISSI-IS61C5128AL-10TLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C512-20NI

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A1111 WINBOND-W24512A1111 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com