Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49C70-1 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT49C70-1
Description  LCD Type 8-Bit MCU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C70-1 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT49C70-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
D.C. Characteristics
VDD=1.5V for HT49C70L, VDD=3V&VDD=5V for HT49R70A-1 and HT49C70-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
For HT49C70L
1.2
¾
2.2
V
LVR disable, fSYS=4MHz
(for HT49R70A-1/HT49C70-1)
2.2
¾
5.5
V
fSYS=8MHz
(for HT49R70A-1/HT49C70-1)
3.3
¾
5.5
V
VLCD
LCD Power Supply (Note *)
¾
For HT49R70A-1/HT49C70-1,
VA
£5.5V
2.2
¾
5.5
V
IDD1
Operating Current
(Crystal OSC)
1.5V No load, fSYS=455kHz
¾
60
100
mA
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD2
Operating Current
(RC OSC)
1.5V No load, fSYS=400kHz
¾
50
100
mA
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz
¾
48
mA
IDD4
Operating Current
(fSYS=RTC OSC)
1.5V
No load
¾
2.5
5
mA
3V
¾
0.3
0.6
mA
5V
¾
0.6
1
mA
ISTB1
Standby Current
(*fS=T1)
1.5V
No load, system HALT,
LCD Off at HALT
¾
0.1
0.5
mA
3V
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(*fS=RTC OSC)
1.5V
No load, system HALT,
LCD On at HALT, C type
¾
12
mA
3V
¾
2.5
5
mA
5V
¾
10
20
mA
ISTB3
Standby Current
(*fS=WDT RC OSC)
1.5V
No load, system HALT
LCD On at HALT, C type
¾
0.5
1
mA
3V
¾
25
mA
5V
¾
610
mA
ISTB4
Standby Current
(*fS=RTC OSC)
3V
No load, system HALT,
LCD On at HALT, R type, 1/2 bias
¾
17
30
mA
5V
¾
34
60
mA
ISTB5
Standby Current
(*fS=RTC OSC)
3V
No load, system HALT,
LCD On at HALT, R type, 1/3 bias
¾
13
25
mA
5V
¾
26
50
mA
ISTB6
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT,
LCD On at HALT, R type, 1/2 bias
¾
14
25
mA
5V
¾
28
50
mA
ISTB7
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT,
LCD On at HALT, R type, 1/3 bias
¾
10
20
mA
5V
¾
20
40
mA
VIL1
Input Low Voltage for I/O
Ports, TMR and INT
¾¾
0
¾
0.3VDD
V
HT49R70A-1/HT49C70-1/HT49C70L
Rev. 2.00
5
April 24, 2006


Similar Part No. - HT49C70-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C70-1 HOLTEK-HT49C70-1 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49C70-1 HOLTEK-HT49C70-1_12 Datasheet
294Kb / 44P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49C70-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com