Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2200 Datasheet(PDF) 27 Page - Silicon Laboratories

Part # SI2200
Description  RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2200 Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button SI2200 Datasheet HTML 22Page - Silicon Laboratories SI2200 Datasheet HTML 23Page - Silicon Laboratories SI2200 Datasheet HTML 24Page - Silicon Laboratories SI2200 Datasheet HTML 25Page - Silicon Laboratories SI2200 Datasheet HTML 26Page - Silicon Laboratories SI2200 Datasheet HTML 27Page - Silicon Laboratories SI2200 Datasheet HTML 28Page - Silicon Laboratories SI2200 Datasheet HTML 29Page - Silicon Laboratories SI2200 Datasheet HTML 30Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Si2200
Rev. 1.0
27
4. Pin Descriptions: Si2200
Pin Number(s)
Name
Description
1, 2, 4, 6, 7–9, 14,
16, 18, 21, 22, 28
GND
Common ground
3, 5
NC
No connect
10
RFOUT
Radio frequency (RF) output of the selected RF VCO
11
VDDR
Supply voltage for the RF analog circuitry
12
AUXOUT
Auxiliary output
13
PWDN
Powerdown input pin
15
XIN
Reference frequency amplifier input
17
VDDD
Supply voltage for digital circuitry
19, 20
IFLA, IFLB
Pins for inductor connection to IF VCO
23
IFOUT
Intermediate frequency (IF) output of the IF VCO
24
VDDI
Supply voltage for IF analog circuitry
25
SEN
Enable serial port input
26
SCLK
Serial clock input
27
SDATA
Serial data input
GND
NC
NC
GND
GND
GND
IFLB
IFLA
VDDD
GND
XIN
21
20
19
18
17
16
15
8
9
10
11 12 13 14
28 27 26
25
24
23 22
1
2
3
4
5
6
7
GND
GND
GND
GND


Similar Part No. - SI2200

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SI22000M100 NTE-SI22000M100 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI22000M16 NTE-SI22000M16 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI22000M160 NTE-SI22000M160 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI22000M200 NTE-SI22000M200 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI22000M25 NTE-SI22000M25 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
More results

Similar Description - SI2200

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81103 STMICROELECTRONICS-STW81103 Datasheet
1Mb / 53P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81100 STMICROELECTRONICS-STW81100_1 Datasheet
1,004Kb / 29P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
logo
Silicon Laboratories
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
Silicon Laboratories
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com