Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3216 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI3216
Description  Broadband AND Voice Telephony Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3216 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI3216 Datasheet HTML 1Page - Silicon Laboratories SI3216 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
Silicon Laboratories’ broad array of mixed-signal communication devices brings
unsurpassed integration, performance and value to broadband access and voice
telephony solutions. These integrated circuits provide global compliance using a single
hardware solution while reducing the PCB footprint and total solution bill-of-materials.
Optimized for customer premise equipment (CPE) applications, these best-in-class
solutions address global telecom standards through a high degree of programmability.
Additionally, these products are designed using standard digital CMOS. This reduces
power and cost while increasing system performance and flexibility through increased
integration without sacrificing system performance.
SYSTEM BENEFITS
• Small footprints save board space and discrete component cost
• Requires only 3.3 V and 5 V power supplies and eliminates the need for costly
additional power supplies
• Reduces system power consumption
• Line voltage/current monitoring for remote system provisioning and fault detection
• Globally compliant solutions enable a single design for all countries
• PCM/SPI or GCI digital interfaces for FXS and FXO ports
APPLICA TIONS
• ADSL/cable modems
• Pair gain systems
• Integrated access devices (IADs)
• Line cards
• PBX systems
• Computer telephony
• Voice over IP (VoIP) gateways and routers
KEY PRODUCTS
Si3216 ProSLIC® and Si3220 Dual ProSLIC
• Integrated CMOS SLIC/codec
• On-chip tracking dc-dc converter
controller (Si3216)
• Wideband audio codec (Si3216)
• Software programmable for global compliance
• Internal ringing up to 100 VPK
• DTMF generation/decoding (Si3220)
• FSK caller ID generation
• On-chip GR-909 line diagnostics
Si3050 Voice DAA
• Integrated codec
• Globally compliant
• 16 selectable ac terminations
• Programmable hybrid
• Line voltage/current monitoring
• Loop start/ground start support
• PCM/SPI or GCI interface
µ-law or A-law companding
• Greater than 5 kV line isolation
Si3110 ADSL2+ AFE
• Integrated line driver, codec, hybrid and VCXO
• Supports G.dmt, Annex A/B/C, ADSL2, ADLS2+
and SHDSL
• 1 W typical power consumption
• Only 3.3 V and 5 V power supplies needed
• Programmable hybrid improves rate/reach
Si2457 ISOmodem®
• Complete controller-based embedded modem
• Pin-compatible solutions from
2400 bps to 56 kbps
• AT command UART or parallel interface
• Line-in-use and parallel phone intrusion detection
• Globally compliant line interface meets all PTT
standards worldwide
• More than 5 kV line isolation
Broadband & Voice Telephony Solutions
COMPLETE MIXED-SIGNAL
SOLUTIONS FOR BROADBAND
ACCESS APPLICATIONS
SOLUTIONS GUIDE
INNO V A TIVE , FLEXIBLE , GL OBAL , ECONOMICAL


Similar Part No. - SI3216

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3216MPPQ1-EVB SILABS-SI3216MPPQ1-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3216MPPQX-EVB SILABS-SI3216MPPQX-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3216PPQ1-EVB SILABS-SI3216PPQ1-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3216PPQX-EVB SILABS-SI3216PPQX-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
More results

Similar Description - SI3216

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB3324EV1.4 INFINEON-PEB3324EV1.4 Datasheet
339Kb / 2P
   Enhanced Next Generation Analog Telephony Solutions
PEF3394E-V2.2 INFINEON-PEF3394E-V2.2 Datasheet
339Kb / 2P
   Enhanced Next Generation Analog Telephony Solutions
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3019-F-FSR SILABS-SI3019-F-FSR Datasheet
905Kb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Microtune,Inc
MT2050 MICROTUNE-MT2050 Datasheet
83Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2170 MICROTUNE-MT2170 Datasheet
74Kb / 2P
   RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com