Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7024A-1 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7024A-1
Description  TinyPower Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7024A-1 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7024A-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7024A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HT7044A-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Detection Voltage
¾¾
4.268
4.400
4.532
V
VHYS
Hysteresis Width
¾¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
Operating Current
8V
No load
¾
47
mA
VDD
Operating Voltage
¾¾
1.5
¾
24
V
IOL
Output Sink Current
3.6V
VOUT=0.36V
36
¾
mA
D
D
V
T
DET
a
Temperature Coefficient
¾
0
°C<Ta<70°C
¾±0.9
¾
mV/
°C
HT7050A-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Detection Voltage
¾¾
4.850
5.000
5.150
V
VHYS
Hysteresis Width
¾¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
Operating Current
8V
No load
¾
47
mA
VDD
Operating Voltage
¾¾
2.1
¾
24
V
IOL
Output Sink Current
3.6V
VOUT=0.36V
36
¾
mA
D
D
V
T
DET
a
Temperature Coefficient
¾
0
°C<Ta<70°C
¾±0.9
¾
mV/
°C
HT70XXA-1
Rev. 1.40
5
January 26, 2006
Functional Description
The HT70XXA-1 series is a set of voltage detectors
equipped with a high stability voltage reference which is
connected to the negative input of a comparator
¾
denoted as VREF in the following figure for NMOS output
voltage detector.
When the voltage drop to the positive input of the
comparator (i,e,VB) is higher than VREF, VOUT goes
high, M1 turns off, and VB is expressed as VBH=VDD
´
(RB+RC)/(RA+RB+RC). If VDD is decreased so that VB
falls to a value less than VREF, the comparator output
inverts from high to low, VOUT goes low, VC is high, M1
turns on, RC is bypassed, and VB becomes: VBL=VDD
´
RB /(RA+RB), which is less than VBH. By so doing, the
comparator output will stay low to prevent the circuit
from oscillating when VB
» VREF.
If VDD falls below the minimum operating voltage, the
output becomes undefined. When VDD goes from low to
VDD
´ RB /(RA+RB)>VREF, the comparator output and
VOUT goes high.
The detectable voltage is defined as:
VDET (
-)=
R+ R + R
R+ R
AB
C
BC
´ VREF
The release voltage is defined as:
VDET (+) =
R+ R
R
AB
B
´ VREF
The hysteresis width is:
VHYS =VDET (+)
- VDET (-)
The figure demonstrates the NMOS output type with
positive output polarity (VOUT is normally open, active
low). The HT70XXA-1 series also supplies options for
other output types with active high outputs. Application
circuits shown are examples of positive output polarity
(normally open, active low) unless otherwise specified.
V S S
V D D
R A
R B
R C
M 1
M N
C o m p a r a t o r
V O U T
R L
V R E F
V B
V C
NMOS Output Voltage Detector (HT70XXA-1)


Similar Part No. - HT7024A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7024A-1 HOLTEK-HT7024A-1 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
More results

Similar Description - HT7024A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT71A3324 HOLTEK-HT71A3324 Datasheet
62Kb / 6P
   TinyPower LDO with Detector
HT9291 HOLTEK-HT9291 Datasheet
122Kb / 14P
   TinyPower Operation Amplifier
HT9291_1010 HOLTEK-HT9291_1010 Datasheet
158Kb / 14P
   TinyPower Operation Amplifier
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com