Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2003 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC2003
Description  7-CHANNEL DARLINGTON DRIVERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2003 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC2003 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2003 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2003 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2003 Datasheet HTML 4Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AIC2003
7-CHANNEL DARLINGTON DRIVERS
SPEC NO: DS-2003-00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
4
DRIVER CIRCUIT
7.2K
3K
COM
2.7K
ALLOWABLE AVERAGE POWER DISSIPATION
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
Ambient Temperature (
°C)
PHYSICAL DIMENSIONS
18 LEAD PLASTIC DIP
0.5
±0.1
2.54
±0.10
3.2
±0.3
0.6
±0.3
0.43
±0.69
6.2
±0.2
23.0
±0.5
10
° max.
8.5
±1.0
8.0
±1
0.25
±0.10
3.3
±0.1
unit: mm


Similar Part No. - AIC2003

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-18GV5 AIC-AIC2300-18GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-33GV5 AIC-AIC2300-33GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
More results

Similar Description - AIC2003

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
   8-CHANNEL DARLINGTON DRIVERS
logo
Silicon Standard Corp.
SS62803 SSC-SS62803 Datasheet
181Kb / 6P
   Eight-channel Darlington Drivers
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG_06 Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
TD62001AP TOSHIBA-TD62001AP_06 Datasheet
939Kb / 15P
   7-channel Darlington Sink Driver
logo
Rohm
BA6250 ROHM-BA6250 Datasheet
73Kb / 2P
   7-CHANNEL DARLINGTON TRANSISTOR ARRAY
logo
Toshiba Semiconductor
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
   Integrated Circuit 7-Channel Darlington Array/Driver
logo
Fairchild Semiconductor
UA9665 FAIRCHILD-UA9665 Datasheet
261Kb / 6P
   High Current/VOLTAGE Darlington Drivers
logo
National Semiconductor ...
DS2003 NSC-DS2003 Datasheet
194Kb / 6P
   High Current/Voltage Darlington Drivers
DS2004 NSC-DS2004 Datasheet
160Kb / 8P
   High Current/Voltage Darlington Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com