Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7550-1 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7550-1
Description  100mA Low Power LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7550-1 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7550-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Package Information
3-pin TO-92 Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
170
¾
200
B
170
¾
200
C
500
¾¾
D11
¾
20
E90
¾
110
F45
¾
55
G45
¾
65
H
130
¾
160
I8
¾
18
a
4
°¾
6
°
HT75XX-1
Rev. 1.50
7
January 12, 2006
A
B
C
E
F
G
H
D


Similar Part No. - HT7550-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7550-1 HOLTEK-HT7550-1 Datasheet
85Kb / 4P
   100mA Voltage Regulator
HT7550-1 HOLTEK-HT7550-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7550-1 HOLTEK-HT7550-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7550-1 HOLTEK-HT7550-1 Datasheet
159Kb / 14P
   HT75XX-1 100mA Low Power LDO
HT7550-1-SOT89TRLF HOLTEK-HT7550-1-SOT89TRLF Datasheet
159Kb / 14P
   HT75XX-1 100mA Low Power LDO
More results

Similar Description - HT7550-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT75XX-3 HOLTEK-HT75XX-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com