Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8019AS Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
19
CONFIG1: RTL8019AS Configuration Register 1 (04H; Type=R except Bit7=R/W)
Bit
Symbol
Description
7
IRQEN
IRQ Enable:
This bit controls the state of the interrupt request line selected by IRQS2-0. If this bit
is set, the interrupt line goes high upon an interrupt request and will be low when
there is no interrupt request.
The interrupt line will be forced to tri-state if this bit is reset.
This bit's power-up initial value is 1 and may be modified by software if
EEM1=EEM0=1 in 9346CR register.
6-4
IRQS2-0
IRQ Select :
These 3 bits select one of INT7-0 to reflect the RTL8019AS's interrupt request status.
All unselected interrupt lines will be tri-stated.
IRQS2
IRQS1
IRQS0
Interrupt Line
Assigned ISA IRQ
0
0
0
INT0
IRQ2/9
0
0
1
INT1
IRQ3
0
1
0
INT2
IRQ4
0
1
1
INT3
IRQ5
1
0
0
INT4
IRQ10
1
0
1
INT5
IRQ11
1
1
0
INT6
IRQ12
1
1
1
INT7
IRQ15
3-0
IOS3-0
Select I/O base address.
IOS3
IOS2
IOS1
IOS0
I/O Base
0
0
0
0
300H
0
0
0
1
320H
0
0
1
0
340H
0
0
1
1
360H
1
0
0
0
380H
1
0
0
1
3A0H
1
0
1
0
3C0H
1
0
1
1
3E0H
0
1
0
0
200H
0
1
0
1
220H
0
1
1
0
240H
0
1
1
1
260H
1
1
0
0
280H
1
1
0
1
2A0H
1
1
1
0
2C0H
1
1
1
1
2E0H


Similar Part No. - RTL8019AS

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8019AS REALTEK-RTL8019AS Datasheet
642Kb / 51P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function
logo
Pulse A Technitrol Comp...
RTL8019AS PULSE-RTL8019AS Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Realtek Semiconductor C...
RTL8019AS-LF REALTEK-RTL8019AS-LF Datasheet
642Kb / 51P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function
More results

Similar Description - RTL8019AS

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8019AS REALTEK-RTL8019AS Datasheet
642Kb / 51P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function
logo
List of Unclassifed Man...
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
   Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
SMSC Corporation
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
logo
List of Unclassifed Man...
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com