Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8442 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI8442
Description  QUAD-CHANNEL DIGITAL ISOLATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8442 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8442 Datasheet HTML 7Page - Silicon Laboratories SI8442 Datasheet HTML 8Page - Silicon Laboratories SI8442 Datasheet HTML 9Page - Silicon Laboratories SI8442 Datasheet HTML 10Page - Silicon Laboratories SI8442 Datasheet HTML 11Page - Silicon Laboratories SI8442 Datasheet HTML 12Page - Silicon Laboratories SI8442 Datasheet HTML 13Page - Silicon Laboratories SI8442 Datasheet HTML 14Page - Silicon Laboratories SI8442 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Si8440/1/2
Rev. 0.3
11
Table 7. Regulatory Information
The Si84xx have been approved by the organizations listed below.
UL1
CSA
VDE2
Recognized under 1577 component
recognition program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN EN
60747-5-2 (VDE 0884 Part 2): 2003-
012
Basic insulation, 2500 V RMS
isolation voltage
Reinforced insulation per CSA
60950-1-03 and IEC 60950-1, 400 V
RMS maximum working voltage
Basic insulation, 560 V peak
Complies with DIN EN 60747-5-2
(VDE 0884 Part 2): 2003-01, DIN EN
60950 (VDE 0805): 2001-12; EN
60950:2000 Reinforced insulation,
560 V peak
File E257455
File 2500035643
File 5006301-4880-0001
Notes:
1. In accordance with UL1577, each Si84xx is proof tested by applying an insulation test voltage > 3000 V RMS for 1
second (current leakage detection limit = 5 µA).
2. In accordance with DIN EN 60747-5-2, each Si84xx is proof tested by applying an insulation test voltage > 1050 V
peak for 1 second (partial discharge detection limit = 5 pC). A “*” mark branded on the component designates DIN EN
60747-5-2 approval.
Table 8. Insulation and Safety-related Specifications
Parameter
Symbol
Test Condition
Value
Unit
Rated Dielectric Insulation Voltage
1 minute duration
2500
VRMS
Minimum External Air Gap (Clearance)
L(IO1)
Measured from input terminals to out-
put terminals, shortest distance
through air
7.7 min
mm
Minimum External Tracking (Creepage)
L(IO2)
Measured from input terminals to out-
put terminals, shortest distance path
along body
8.1
mm
Minimum Internal Gap (Internal Clearance)
Insulation distance through insulation
0.017
min
mm
Tracking Resistance (Comparative Tracking
Index)
CTI
DIN IEC 112/VDE 0303 Part 1
>175
V
Basic Isolation Group
Material Group
(DIN VDE 0110, 1/89, Table 1)
IIIa


Similar Part No. - SI8442

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8442 SILABS-SI8442 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8442 ETC2-SI8442 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8442AA-D-IS1 SILABS-SI8442AA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8442AB-D-IS SILABS-SI8442AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8442AB-D-IS1 SILABS-SI8442AB-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8442

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com