Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAA2008 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part # TAA2008
Description  STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA2008 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TAA2008 Datasheet HTML 1Page - Tripath Technology Inc. TAA2008 Datasheet HTML 2Page - Tripath Technology Inc. TAA2008 Datasheet HTML 3Page - Tripath Technology Inc. TAA2008 Datasheet HTML 4Page - Tripath Technology Inc. TAA2008 Datasheet HTML 5Page - Tripath Technology Inc. TAA2008 Datasheet HTML 6Page - Tripath Technology Inc. TAA2008 Datasheet HTML 7Page - Tripath Technology Inc. TAA2008 Datasheet HTML 8Page - Tripath Technology Inc. TAA2008 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
1
TAA2008 –KLi/1.0/05.06
TAA2008
STEREO 9W (8
Ω) CLASS-T™ DIGITAL AUDIO AMPLIFIER USING
DIGITAL POWER PROCESSING™ TECHNOLOGY
TECHNI C A L INF O RM A T ION
Re v i sion 1.0 – M a y 2006
GEN E RA L DESCR I PTION
The TAA2008 is a 9W/ch continuous average two-channel Class-T Digital Audio Power Amplifier IC
using Tripath’s proprietary Digital Power Processing™ technology. The TAA2008, in a QFN package,
along with extremely high efficiency, allows for a very compact amplifier design. Class-T amplifiers
offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.
APPLICA T IONS
LCD TV’s
LCD Monitors
Plasma TV’s
Computer/PC Multimedia
Battery Powered Systems
BENEFITS
Fully integrated solution with FETs
Compact packaging and board design
Reduced system cost with no heat sink
Dramatically improves efficiency versus Class-
AB
Signal fidelity equal to high quality linear
amplifiers
High dynamic range compatible with digital
media such as CD, DVD, and Internet audio
Capable of driving a wide range of load
impedances
TYPICAL PERFOR MANCE
FEA T UR ES
Class-T architecture
Single Supply Operation
“Audiophile” Quality Sound
0.025% THD+N @ 5W, 8
0.1% IHF-IM @ 1W, 8
6.3W @ 8
Ω, 0.1% THD+N
3.5W @ 16
Ω, 0.1% THD+N
High Power
14.25W @ 6
Ω, 10% THD+N
9W @ 8
Ω, 10% THD+N
5W @ 16
Ω, 10% THD+N
Extremely High Efficiency
89% @ 5W, 16
86% @ 9W, 8
Dynamic Range = 98.5 dB
Mute and Sleep modes
Improved turn-on & turn-off pop
suppression
Over-current protection with automatic
restart circuit
Over-temperature protection
Space saving 32-pin 8mm x 8mm x 1mm
QFN package with exposed pad
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
1
20
2
3
4
5
6
7
8
9 10
VDD = 12V
f = 1kHz
A
V = 12V/V
BW = 22Hz - 20kHz(AES17)
R
L =16Ω
R
L =8 Ω
R
L =6 Ω
R
L =4 Ω
THD+N versus Output Power
Output Power (W)
PGND1
5VGEN
DCAP2
DCAP1
V5D
AGND1
INV2
DGND
PGND2
FAULT
SLEEP
AGND3
BIASCAP
18
17
1
8
7
6
5
4
3
2
OAOUT2
24
19
20
21
22
23
CPUMP
VDDA


Similar Part No. - TAA2008

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

Similar Description - TAA2008

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com