Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2075A Datasheet(PDF) 11 Page - Tripath Technology Inc.

Part # TDA2075A
Description  STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TDA2075A Datasheet(HTML) 11 Page - Tripath Technology Inc.

Back Button TDA2075A Datasheet HTML 7Page - Tripath Technology Inc. TDA2075A Datasheet HTML 8Page - Tripath Technology Inc. TDA2075A Datasheet HTML 9Page - Tripath Technology Inc. TDA2075A Datasheet HTML 10Page - Tripath Technology Inc. TDA2075A Datasheet HTML 11Page - Tripath Technology Inc. TDA2075A Datasheet HTML 12Page - Tripath Technology Inc. TDA2075A Datasheet HTML 13Page - Tripath Technology Inc. TDA2075A Datasheet HTML 14Page - Tripath Technology Inc. TDA2075A Datasheet HTML 15Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
T r ip a t h T e ch n o lo gy, In c . - T ech n i c a l In fo r m a t i o n
11
TDA2075 A – Rev . 0 . 9 / K L i / 1 0 . 0 5
Typical Performance Characteristics
0
10
20
30
40
50
60
70
80
90
0
25
50
75
100
125
150
Output Pow er per channel
(W)
175
200
225
Efficiency and Power Dissipation versus
OutputPower
0
5
10
15
20
25
30
35
40
45
VPP = |VNN| = 40V
R
L = 4Ω
f= 1kHz
BW = 22Hz - 20kHz(AES17)
Pow er Dissipation
Efficiency
Intermodulation Performance
-140
+0
-100
-80
-60
-40
-20
20
30k
50
100
200
500
1k
2k
5k
10k
Hz
d
B
r
A
RL = 8Ω
19kHz, 20kHz, 1:1
0dBr = 12Vrms
FFT size = 32k
FFTSR = 65kHz
VPP = |VNN| = 40V
BW = 22Hz - 80kHz
-120
0
10
20
30
40
50
60
70
80
90
0
25
50
75
100
125
150
Output Pow er per channel
(W)
175
Efficiency and Power Dissipation versus
OutputPower
0
2
4
6
8
10
12
14
16
18
VPP = |VNN| = 40V
R
L = 6 Ω
f= 1kHz
BW = 22Hz - 20kHz(AES17)
Pow er Dissipation
Efficiency
20
100
Noise Floor
-120
-70
-110
-100
-90
-80
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VPP = |VNN| = 40V
FFT size = 32k
FFTSR = 48kHz
BW = 22Hz-20kHz(AES17)
d
B
V
0
10
20
30
40
50
60
70
80
90
0
255075
100
125
Output Pow er per channel
(W)
Efficiency and Power Dissipation versus
OutputPower
0
2
4
6
8
10
12
14
16
18
VPP = |VNN| = 40V
R
L = 8Ω
f= 1kHz
BW = 22Hz - 20kHz(AES17)
Pow er Dissipation
Efficiency
100
20
TTT
Channel Separation versus Frequency
-100
+0
-80
-60
-40
-20
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
d
B
r
A
0dBr = 12Vrms
VPP = |VNN| = 40V
BW = 22Hz - 20kHz


Similar Part No. - TDA2075A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002AH FAIRCHILD-TDA2002AH Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002AV FAIRCHILD-TDA2002AV Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002H FAIRCHILD-TDA2002H Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002V FAIRCHILD-TDA2002V Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
More results

Similar Description - TDA2075A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
   MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com