Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM29F400T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BM29F400T
Description  4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BM29F400T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BM29F400T Datasheet HTML 1Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 2Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 3Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 4Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 5Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 6Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 7Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 8Page - List of Unclassifed Manufacturers BM29F400T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
BRIGHT
Preliminary BM29F400T/BM29F400B
Microelectronics
Inc.
A Winbond Company
Publication Release Date: May 1999
- 5 -
Revision A1
Table 2. Bus Operations ( BYTE = VIL)(1)
OPERATION
CE
OE
WE
A0
A1
A6
A9
DQ0-DQ7
DQ8-DQ15
RESET
Electronic ID Manufacturer(2)
L
L
H
L
L
L
VID
Code
High Z
H
Electronic ID Device(2)
L
L
H
H
L
L
VID
Code
High Z
H
Read(3)
L
L
H
A0
A1
A6
A9
DOUT
High Z
H
Standby
H
X
X
X
X
X
X
High Z
High Z
H
Hardware Reset
X
X
X
X
X
X
X
High Z
High Z
L
Output Disable
L
H
H
X
X
X
X
High Z
High Z
H
Write
L
H
L
A0
A1
A6
A9
DIN(4)
High Z
H
Verify Sector Protect(2)
L
L
H
L
H
L
VID
Code
High Z
H
Temporary Sector Unprotect
X
X
X
X
X
X
X
X
High Z
VID
Notes:
1. L = VIL, H = VIH, X = Don't Care. See DC Characteristics for voltage levels.
2. Manufacturer and device codes may also be accessed via a command register sequence. Refer to Table 6.
3. WE can be VIL if CE is VIL, OE at VIH initiates the write operations.
4. Refer to Table 6 for valid DIN during a write operation.
Table 3. Sector Protection Verify Electronic ID Codes
TYPE
A17-A12
A6
A1
A0
Code (Hex)
Manufacturer Code
X
VIL
VIL
VIL
ADH
29F400T
Byte
X
VIL
VIL
VIH
23H
29F400
Word
22,23H
29F400B
Byte
X
VIL
VIL
VIH
ABH
Word
22 ABH
Sector Protection
Sector Address
VIL
VIH
VIL
01H(1)
Note: Outputs 01H at protected sector addresses, and outputs 00H at unprotected addresses.


Similar Part No. - BM29F400T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
BM29F040 FUJITSU-BM29F040 Datasheet
424Kb / 40P
   4M (512K X 8) BIT
More results

Similar Description - BM29F400T

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
ATMEL Corporation
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com