Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8202S8R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PAM8202S8R
Description  Tiny Package 2 Watt Class-D Stereo Audio Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAM8202S8R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PAM8202S8R Datasheet HTML 1Page - List of Unclassifed Manufacturers PAM8202S8R Datasheet HTML 2Page - List of Unclassifed Manufacturers PAM8202S8R Datasheet HTML 3Page - List of Unclassifed Manufacturers PAM8202S8R Datasheet HTML 4Page - List of Unclassifed Manufacturers PAM8202S8R Datasheet HTML 5Page - List of Unclassifed Manufacturers PAM8202S8R Datasheet HTML 6Page - List of Unclassifed Manufacturers PAM8202S8R Datasheet HTML 7Page - List of Unclassifed Manufacturers PAM8202S8R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
BLOCK DIAGRAM
Input Signal
Left
Right
Input Signal
C1
C2
1 F
1 F
C3
1 F
Vdd
Vdd
1
Bit
Controller
1
Bit
Controller
Over Current
Over Current
Left
Speaker
Right
Speaker
TEST CIRCUIT FOR GRAPHS
AP System One
Generator
Input
GND
VDD
-OUT
+OUT
PAM8202 Demo Board
Load
Power Supply
AP System One
Analyzer
AP
Low Pass
Filter
AUX-0025
Notes:
1. The AP AUX-0025 low pass filter is necessary for every class D amplifier measurement done by AP analyzer.
2. A 33uH inductor is used in series with load resistor to emulate the small speaker for efficiency measurement.
Power Analog Microelectronics, Inc.
CONFIDENTIAL. DO NOT DISTRIBUTE OR REPRODUCE WITHOUT PERMISSION FROM P.A.M.
PAM8202 Rev. 1.1
PRELIMIARY DATASHEET
PAM8202
Tiny Package 2 Watt Class-D Stereo Audio Amplifier


Similar Part No. - PAM8202S8R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8201 ETC1-PAM8201 Datasheet
100Kb / 4P
   Tiny 1.2 Watt Class-D Audio Amplifiers
More results

Similar Description - PAM8202S8R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
   Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
List of Unclassifed Man...
PAM8101 ETC1-PAM8101 Datasheet
100Kb / 4P
   Tiny 1.2 Watt Class-D Audio Amplifiers
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com