Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMM5322ZU Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # EMM5322ZU
Description  Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

EMM5322ZU Datasheet(HTML) 2 Page - Eudyna Devices Inc

  EMM5322ZU Datasheet HTML 1Page - Eudyna Devices Inc EMM5322ZU Datasheet HTML 2Page - Eudyna Devices Inc EMM5322ZU Datasheet HTML 3Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary ES/EMM5322ZU
Double Pole Double Throw
GaAs PHEMT Switch 0.1 – 6 GHz
Rev 0.1
April 15, 2005
2
Eudyna Devices Inc. Confidential
TARGET SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25°C)
Parameter
Symbol
Rating
Unit
DC Input Voltage
V1, V2
+6
V
Input Power
Pin
+32
dBm
Storage Temperature
Tstg
-40 to +85
°C
Operating Case Temperature
Top
-40 to +85
°C
ELECTRICAL SPECIFICATIONS (Case Temperature Tc=25°C)
Parameter
Symbol
Condition/comments
Min
Typ
Max
Unit
Frequency range
F
0.1
6.0
GHz
Insertion Loss
I.L.
2.4 - 2.5 GHz
4.9 – 6.0 GHz
-
-
0.80
1.00
-
-
dB
Isolation
ISO
2.4 - 2.5 GHz
4.9 – 6.0 GHz
-
-
25
20
-
-
dB
Return Loss
RL
2.4 - 2.5 GHz
4.9 – 6.0 GHz
-
23
15
-
dB
Control Voltage V1 V2
Vhigh
Vlow
High
Low
2.5
-0.2
2.8
0
3.6
+0.2
V
Input P0.1dB
P0.1dB
Vhigh=2.8V, Vlow=0V
-
31
-
dBm
Control Current
Icontrol
Vhigh=2.8V, Vlow=0V
-
15
-
uA
(Unless otherwise specified Zsource=Zload=50
Ω System, Tc=25°C)
TRUTH TABLE
V1
V2
ANT1 - Rx
ANT1 - Tx
ANT2 - Tx
ANT2 – Rx
High
Low
ON
OFF
ON
OFF
Low
High
OFF
ON
OFF
ON
Specifications are subject to change without notice.


Similar Part No. - EMM5322ZU

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
EMM5328ZW EUDYNA-EMM5328ZW Datasheet
35Kb / 3P
   Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications
More results

Similar Description - EMM5322ZU

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
HS69SPDT312 EUDYNA-HS69SPDT312 Datasheet
137Kb / 4P
   Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
ESM5328ZW EUDYNA-ESM5328ZW Datasheet
35Kb / 3P
   Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications
logo
Pasternack Enterprises,...
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
   Double Pole Double Throw Relay Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com